Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2030
Description  14 W hi-fi audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2030_05 Datasheet HTML 1Page - STMicroelectronics TDA2030_05 Datasheet HTML 2Page - STMicroelectronics TDA2030_05 Datasheet HTML 3Page - STMicroelectronics TDA2030_05 Datasheet HTML 4Page - STMicroelectronics TDA2030_05 Datasheet HTML 5Page - STMicroelectronics TDA2030_05 Datasheet HTML 6Page - STMicroelectronics TDA2030_05 Datasheet HTML 7Page - STMicroelectronics TDA2030_05 Datasheet HTML 8Page - STMicroelectronics TDA2030_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical specifications
TDA2030
4/17
Doc ID 1458 Rev 3
d
Distortion
Po = 0.1 to 12 W, RL = 4 Ω,
GV = 30 dB
f = 40 to 15.000 Hz
0.2
0.5
%
Po = 0.1 to 8 W, RL = 8 Ω,
GV = 30 dB
f = 40 to 15.000 Hz
0.1
0.5
%
B
Frequency response
(–3 dB)
Po = 12 W, RL = 4 Ω;
GV = 30 dB
10 Hz to 140
Hz
Ri
Input resistance (pin 1)
0.5
5
M
Ω
Gv
Voltage gain (open loop)
90
dB
Gv
Voltage gain (closed loop)
f = 1 kHz
29.5
30
30.5
dB
eN
Input noise voltage
B = 22 Hz to 22 kHz
310
µV
iN
Input noise current
80
200
pA
SVR
Supply voltage rejection
GV = 30 dB; RL = 4 Ω,
Rg = 22 kΩ, fripple = 100 Hz;
Vripple = 0.5 Veff
40
50
dB
Id
Drain current
Po = 14 W, RL = 4 Ω
Po = 9 W, RL = 8 Ω
900
500
mA
Tj
Thermal shutdown junction
temperature
145
°C
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com