Electronic Components Datasheet Search
  English  ▼

X  

KBU804 Datasheet(PDF) 1 Page - First Components International

Part # KBU804
Description  8.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBU804 Datasheet(HTML) 1 Page - First Components International

  KBU804 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
Mechanical Dimensions
n 300 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
KBU800 . . . 810 Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 ms Single ½ Sine Wave Imposed on Rated Load
Rating for Fusing (T < 8.3ms)
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 8.0 Amps
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =125°C
Typical Thermal Resistance...R
θJC (Alum Heat Sink)
Maximum Thermal Resistance...R
θJA (Free Air)
Typical Junction Capacitance...C
J
Data Sheet
8.0 Amp
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 8.0 ...............................................
............................................. 300 ...............................................
............................................. 167 ...............................................
........................................ -55 to 150 .........................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
............................................. 6.0 ...............................................
............................................. 8.0 ...............................................
Amps
Amps
A2s
°C
Volts
µAmps
mAmps
°C/W
°C/W
pF
Mechanical Data: Weight - 0.3 Ounces. Mounting Torque -
5.1 lbs. Mounting Position - Any.
n COMPACT SIZE
n LOW LEAKAGE CURRENT
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
< .................... 210 ................ > < ............ 90 ............. >
Page 3-23
KBU800 KBU801 KBU802 KBU804 KBU806 KBU808 KBU810
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Electrical Characteristics
+ ~ ~ -


Similar Part No. - KBU804

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU804 WTE-KBU804 Datasheet
42Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU804 JGD-KBU804 Datasheet
139Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU804 FUJI-KBU804 Datasheet
641Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBU804 ETC1-KBU804 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
KBU804 ETC1-KBU804 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
More results

Similar Description - KBU804

ManufacturerPart #DatasheetDescription
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBPC800 FCI-KBPC800 Datasheet
123Kb / 2P
8.0 Amp SINGLE PHASE SILICON BRIDGE
KBU800 FCI-KBU800 Datasheet
173Kb / 2P
8.0 Amp SINGLE PHASE SILICON BRIDGE
2W005 FCI-2W005_1 Datasheet
67Kb / 1P
2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU400 FCI-KBU400_1 Datasheet
65Kb / 1P
4.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU600 FCI-KBU600_1 Datasheet
75Kb / 1P
6.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
W005 FCI-W005 Datasheet
402Kb / 2P
1.5 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
logo
Nanjing International G...
GBU8005 DGNJDZ-GBU8005 Datasheet
280Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com