Electronic Components Datasheet Search
  English  ▼

X  

LT1085 Datasheet(PDF) 1 Page - First Components International

Part # LT1085
Description  3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LT1085 Datasheet(HTML) 1 Page - First Components International

  LT1085 Datasheet HTML 1Page - First Components International LT1085 Datasheet HTML 2Page - First Components International LT1085 Datasheet HTML 3Page - First Components International LT1085 Datasheet HTML 4Page - First Components International LT1085 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features:
Output Current -
3A
Maximum Input Voltage – 12V
Adjustable Output Voltage or Fixed
3
2
1
TO-3P
1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 3.6V, 5V
Current Limiting and Thermal Protection
Standard 3-Pin Power Packages
Applications:
Post Regulator for Switching DC/DC Converter
PIN 1: GND
PIN 2: Vout
PIN 3: Vin
High Efficiency Liner Regulators
Battery Charger
Operating Ratings:
TO-220
Pin1:
Gnd
Pin2:
Vout
Pin
3: Vin
Junction Temperature Range: -10°C to 125°C
Ordering Information:
Parameter Number
Package
LT108
5
TO-3P
LT108
5T
TO-220
Block Diagram
LT108
5D
TO-252
LT1085 3.0A LOW DROPOUT POSITIVE REGULATOR


Similar Part No. - LT1085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085 LINER-LT1085 Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1085 LINER-LT1085 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085 Datasheet
251Kb / 18P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1085

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1118 GTM-GJ1118 Datasheet
239Kb / 4P
0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com