Electronic Components Datasheet Search
  English  ▼

X  

MBD4148W Datasheet(PDF) 1 Page - First Components International

Part # MBD4148W
Description  200mW Surface Mount Zener Diode SWITCHING DIODE Collector current 150 mA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MBD4148W Datasheet(HTML) 1 Page - First Components International

  MBD4148W Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 30¡ À0. 05
1. 25¡ À0. 05
MBD4148W /BAS16W
SWITCHING DIODE
FEATURES
Power dissipation
PD:
200
mW (Tamb=25
℃)
Collector current
IO:
150
mA
Collector-base voltage
VR:
75
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR) R
IR= 100µA
75
V
Reverse voltage leakage current
IR
VR=75V
1
µA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
0.715
0.855
1
1.25
V
Diode capacitance
CD
VR=0V, f=1MHz
2
pF
Reveres recovery time
trr
IF=IR=10mA
Irr=0.1×IR
4
nS
Unit: mm
SOT-323
Marking: A2, KA2, KT1
Data Sheet
200mW Surface Mount
Zener Diode


Similar Part No. - MBD4148W

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
MBD4148SE KOOCHIN-MBD4148SE Datasheet
299Kb / 2P
SWITCHING DIODES
More results

Similar Description - MBD4148W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Won-Top Electronics
BZX84C2V4W WTE-BZX84C2V4W Datasheet
59Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
MBD4448W FCI-MBD4448W Datasheet
301Kb / 1P
200mW Surface Mount Switching Diode Collector current 250 mA
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
Won-Top Electronics
BZT52C39S WTE-BZT52C39S Datasheet
49Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com