Electronic Components Datasheet Search
  English  ▼

X  

PA10SD Datasheet(PDF) 1 Page - First Components International

Part # PA10SD
Description  1.0 Amp Silicon Controlled Rectifiers Sensitive gate trigger current.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PA10SD Datasheet(HTML) 1 Page - First Components International

  PA10SD Datasheet HTML 1Page - First Components International PA10SD Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUMRATINGSANDELECTRICALCHARACTERISTICS(Ta=25℃)
PARAMETERS
SYMBOL
V
UNITS
Repetitive Peak Off-State Voltage and
Repetitive Peak Reverse Voltage (1)
VDRM
&
VRRM
PA10SD
400
VOLT
RMS On-State Current at Ta=57℃ and Conduction
Angle of 180º
IT(RMS)
1.0
AMP
Peak Surge (Non-Repetitive)On-State Current,
½ Cycle ,at 50Hz or 60Hz
ITSM
8
AMP
Peak Gate-Trigger Current for 3µ sec , Max
IGTM
1.0
AMP
Peak Gate-Power Dissipation at IGT≦IGTM
PGM
0.1
WATT
Average Gate-Power Dissipation
PG(AV)
0.01
WATT
Peak gate reverse voltage
VRGM
6
V
Peak Off-State Current, (1)Ta=25℃
VDRM & VRRM=Max. Rating Ta=125℃
IDRM &
IRRM
10
200
µA
MAX
Maximum On-State Voltage. (Peak)
At Tc=25℃ and IT =Rated Amps
VTM
1.7
VOLT
MAX
DC Holding Current,(1)
IHO
10
mA
MAX
Critical Rate-Of-Rise of off-State Voltage.(1)
Gate Open,Ta=110℃
Critical
dv/dt
5
V/µ sec
DC Gate –Trigger Current for Anode Voltage=7VDC,
RL=100Ω
IGT
200
µA
MAX
DC Gate –Trigger Voltage for Anode Voltage=7VDC,
RL=100Ω
VGT
0.8
VOLT
MAX
Gate-Controlled Turn-on Time tD+tR IGT=10mA
Tgt
2.2
µ sec
Thermal Resistance , Junction-to-Ambient
RθJ-A
70
℃
/WATT
TYP
Storage Temperature range
Tstg
-40 to + 150
℃
Operating Temperature Range , Tj
Toper
-40 to + 110
℃
FEATURES
(1)RGK=1KΩ
■.
Driven directly with IC and MOS device.
■.
Feature proprietary, void-free glass passivated chips.
■.
Available in voltage ratings from 200 to 600 volts. (VDRM and VRRM)
■.
Sensitive gate trigger current.
■.
Designed for high volume, line-powered control application in relay lamp drivers, small
motor controls, gate drivers for large thyristors.
Dimmension in mm
SOT-89
Descriptions
Mechanical Dimensions


Similar Part No. - PA10SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA10 ETC-PA10 Datasheet
61Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA10 APEX-PA10 Datasheet
233Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA10 CIRRUS-PA10 Datasheet
344Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA10 CIRRUS-PA10 Datasheet
203Kb / 5P
Power Operational Amplifier
logo
Vishay Siliconix
PA100 VISHAY-PA100 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
More results

Similar Description - PA10SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
First Components Intern...
FCR150-8 FCI-FCR150-8 Datasheet
242Kb / 2P
1.5 Amp Silicon Controlled Rectifiers Sensitive gate trigger current.
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com