Electronic Components Datasheet Search
  English  ▼

X  

PFFR2501 Datasheet(PDF) 1 Page - First Components International

Part # PFFR2501
Description  25.0 AMPS AUTOMOTIVE 1/2 FLAG LEAD PRESSFIT DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PFFR2501 Datasheet(HTML) 1 Page - First Components International

  PFFR2501 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FLAG LEAD PRESSFIT
Features
Mechanical Data
▓
Outline Free Pb
▓
Case: Nickel Plated Copper Solderable
▓
High Reliability
▓
Terminals: Plated Sn Solderable per MIL-STD-202E method 208C
▓
Long Life
▓
Flammability Classificarions 94V- 0
▓
▓
PFFR25xxP---Positive(+): Cathode to Case Color Code RED
▓
Super Cool
▓
PFFR25xxN---Negative(-): Anode to Case Color Code Black
▓
High Surge Current Capability
▓
: Weight: 13.6 Gram
Max Ratings at Ta=25C Unless Otherwise Specified
2501
2502
2504
2506
Unit
Vrrm
100
200
400
600
V
Vrwm
100
200
400
600
V
Vdc
100
200
400
600
V
Vr(rms)
70
140
280
420
V
IF(AV)
A
IFSM
A
Vf
V
Ir
uA
Ir
uA
Rthjc
C/W
Tj/Ts
C
-55~175
Type Thermal Resistance Junction to Case
Operating & Storage Temp. Range
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Peak Forward Surge Current 8.3 ms single half wave
Average Forward Continuous Current Tc=150C 60Hz
Mechanical Dimensions
DIMENSIONS IN MILLIMETER
Description
25
Symbol
PFFR2501~2506-001
Electrical Characteristic
Low Cost
1.2
Max. Reverse Leakage DC Current @ 100C
500
400
1.18
10
Max. Reverse Leakage DC Current @ 25C
Max Inst. Forward Voltage IF=80A
25.0 AMPS AUTOMOTIVE
1/2" FLAG LEAD PRESSFIT DIODE
NOTE: PFFR2501~06-001 which special for rebuilding using that copper case OD 12.75~12.85mm


Similar Part No. - PFFR2501

ManufacturerPart #DatasheetDescription
logo
FCI connector
PFFR25XX FCI-CONNECTOR-PFFR25XX Datasheet
189Kb / 1P
25.0 AMPS AUTOMOTIVE 1/2" FLAG LEAD PRESSFIT DIODE
More results

Similar Description - PFFR2501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW2500 WTE-PFW2500 Datasheet
26Kb / 2P
25A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW5000 WTE-PFW5000 Datasheet
26Kb / 2P
50A FLAG LEAD 1/2 PRESS-FIT DIODE
logo
FCI connector
50TR20-160 FCI-CONNECTOR-50TR20-160 Datasheet
201Kb / 1P
50.0 AMPS AUTOMOTIVE STUD LEAD DIODE
PFFR25XX FCI-CONNECTOR-PFFR25XX Datasheet
189Kb / 1P
25.0 AMPS AUTOMOTIVE 1/2" FLAG LEAD PRESSFIT DIODE
PFFR3501 FCI-CONNECTOR-PFFR3501 Datasheet
320Kb / 2P
35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
PIFR2501 FCI-CONNECTOR-PIFR2501 Datasheet
418Kb / 2P
25Amp Insulate Flag Pressfit Automotive Rectifiers
PIFR3501 FCI-CONNECTOR-PIFR3501 Datasheet
232Kb / 1P
35Amp Insulate Flag Pressfit Automotive Rectifiers
logo
First Components Intern...
PFFR3501P FCI-PFFR3501P Datasheet
330Kb / 2P
35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
50TR20 FCI-50TR20 Datasheet
207Kb / 1P
50.0 AMPS AUTOMOTIVE STUD LEAD DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com