Electronic Components Datasheet Search
  English  ▼

X  

PE39465 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39465
Description  N Male to N Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39465 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39465 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39465 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39465 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable N Male to N Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
PE-SR402FLJ
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
350
Typical Electrical Specifications
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.119 dB/ft [ 0.39 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.28 dB/ft [ 0.92 dB/m ]
Frequency 3
Frequency, GHz
10
Insertion Loss
0.421 dB/ft [ 1.38 dB/m ]
ElectricalSpecificationNotes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to N Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS PE39465
PE39465 REV
PE39465
N Male to N Male Semi-Flexible Precision Cable
Using PE-SR402FLJ Coax, RoHS


Similar Part No. - PE39465

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39465-12 PASTERNACK-PE39465-12 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-18 PASTERNACK-PE39465-18 Datasheet
339Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-24 PASTERNACK-PE39465-24 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-6 PASTERNACK-PE39465-6 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-9 PASTERNACK-PE39465-9 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
More results

Similar Description - PE39465

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39437 PASTERNACK-PE39437 Datasheet
335Kb / 3P
SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39443 PASTERNACK-PE39443 Datasheet
332Kb / 3P
N Male to N Male Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39457 PASTERNACK-PE39457 Datasheet
335Kb / 3P
N Male to N Male Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39467 PASTERNACK-PE39467 Datasheet
337Kb / 3P
N Male to N Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39493 PASTERNACK-PE39493 Datasheet
333Kb / 3P
TNC Male to TNC Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39465-6 PASTERNACK-PE39465-6 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-9 PASTERNACK-PE39465-9 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-12 PASTERNACK-PE39465-12 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-18 PASTERNACK-PE39465-18 Datasheet
339Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39465-24 PASTERNACK-PE39465-24 Datasheet
338Kb / 4P
N Male to N Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com