Electronic Components Datasheet Search
  English  ▼

X  

TL851CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL851CD
Description  SONAR RANGING CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL851CD Datasheet(HTML) 3 Page - Texas Instruments

  TL851CD Datasheet HTML 1Page - Texas Instruments TL851CD Datasheet HTML 2Page - Texas Instruments TL851CD Datasheet HTML 3Page - Texas Instruments TL851CD Datasheet HTML 4Page - Texas Instruments TL851CD Datasheet HTML 5Page - Texas Instruments TL851CD Datasheet HTML 6Page - Texas Instruments TL851CD Datasheet HTML 7Page - Texas Instruments TL851CD Datasheet HTML 8Page - Texas Instruments TL851CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL851
SONAR RANGING CONTROL
SLSS004 – SEPTEMBER 1983 – REVISED MARCH 1988
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Voltage range at any pin with respect to GND
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any pin with respect to VCC
– 7 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature (see Note 1)
1150 mW
. . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 40°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of this
specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: For operation above 25
°C, derate linearly at the rate of 9.2 mW/°C.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.5
6.8
V
High-level input voltage, VIH
BLNK, BINH, INIT
2.1
V
Low-level input voltage, VIL
BLNK, BINH, INIT
0.6
V
Delay time, power up to INIT high
5
ms
Operating free-air temperature, TA
0
40
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Input current
BLNK, BINH, INIT
VI = 2.1 V
1
mA
High-level output current, IOH
ECHO, OSC, GCA, GCB, GCC, GCD
VOH = 5.5 V
100
µA
Low-level output current, IOH
ECHO, OSC, GCA, GCB, GCC, GCD
IOL = 1.6 mA
0.4
V
On-state output current
SMIT output
VO = 1 V
–140
mA
Internal blanking interval
REC input
2.38§
ms
Frequency during 16 pulse transmit period
OSC output
49.4§
kHz
Frequency during 16-pulse transmit period
XMIT output
49.4§
kHz
Frequency after 16 pulse transmit period
OSC output
93.3§
kHz
Frequency after 16-pulse transmit period
XMIT output
0
kHz
Supply current ICC
During transmit period
260
mA
Supply current, ICC
After transmit period
55
mA
‡ Typical values are at VCC = 5 V and TA = 25°C.
§ These typical values apply for a 420-kHz ceramic resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com