Electronic Components Datasheet Search
  English  ▼

X  

74HC595 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74HC595
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC595 Datasheet(HTML) 1 Page - Diodes Incorporated

  74HC595 Datasheet HTML 1Page - Diodes Incorporated 74HC595 Datasheet HTML 2Page - Diodes Incorporated 74HC595 Datasheet HTML 3Page - Diodes Incorporated 74HC595 Datasheet HTML 4Page - Diodes Incorporated 74HC595 Datasheet HTML 5Page - Diodes Incorporated 74HC595 Datasheet HTML 6Page - Diodes Incorporated 74HC595 Datasheet HTML 7Page - Diodes Incorporated 74HC595 Datasheet HTML 8Page - Diodes Incorporated 74HC595 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74HC595
Document number: DS35492 Rev. 3 - 2
1 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74HC595
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Description
The 74HC595 is an high speed CMOS device.
An eight bit shift register accpets data from the serial input (DS) on
each positive transition of the shift register clock (STCP).
When
asserted low the reset function (MR) sets all shift register values to
zero and is indepent of all clocks.
Data from the input serial shift register is placed in the output register
with a rising pulse on the storages resister clock (SHCP).
With the
output enable (OE asserted low the 3-state outputs Q0-Q7 become
active and present th
All registers capture data on rising edge and change output on the
falling edge.
If both clocks are connected together the input shift
register is always one clock cycle ahead of the output register.
Features
Wide Supply Voltage Range from 2.0V to 6.0V
Sinks or sources 8mA at VCC = 4.5V
CMOS low power consumption
Schmitt Trigger Action at All Inputs
Inputs accept up to 6.0V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 250mA per JESD 78, Class II
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
General Purpose Logic
Serial to Parallel Data conversion
Capture and hold data for extended periods of time.
Allow simple serial bit streams from a microcontroller to control as
many peripheral lines as needed.
Wide array of products such as:
Computer peripherals
Appliances
Industrial control
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Click here for ordering information, located at the end of datasheet


Similar Part No. - 74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
STMicroelectronics
74HC595 STMICROELECTRONICS-74HC595 Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
8-bit Shift Register/Latch (with 3-state outputs)
logo
Wing Shing Computer Com...
74HC595 WINGS-74HC595 Datasheet
251Kb / 8P
8-Bit Shift Registers W ith Latched 3-State Output
More results

Similar Description - 74HC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com