Electronic Components Datasheet Search
  English  ▼

X  

ADM706RARZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM706RARZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706RARZ Datasheet(HTML) 4 Page - Analog Devices

  ADM706RARZ Datasheet HTML 1Page - Analog Devices ADM706RARZ Datasheet HTML 2Page - Analog Devices ADM706RARZ Datasheet HTML 3Page - Analog Devices ADM706RARZ Datasheet HTML 4Page - Analog Devices ADM706RARZ Datasheet HTML 5Page - Analog Devices ADM706RARZ Datasheet HTML 6Page - Analog Devices ADM706RARZ Datasheet HTML 7Page - Analog Devices ADM706RARZ Datasheet HTML 8Page - Analog Devices ADM706RARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MANUAL RESET INPUT
MR Pull-Up Current (MR = 0 V)
25
70
250
μA
VRST (max) < VCC < 3.6 V
100
250
600
μA
4.5 V < VCC < 5.5 V
MR Pulse Width
500
ns
VRST (max) < VCC < 3.6 V
150
ns
4.5 V < VCC < 5.5 V
MR INPUT THRESHOLD
VIL
0.6
V
VRST (max) < VCC < 3.6 V
VIH
0.7 × VCC
V
VRST (max) < VCC < 3.6 V
VIL
0.8
V
4.5 V < VCC < 5.5 V
VIH
2.0
V
4.5 V < VCC < 5.5 V
MR TO RESET OUTPUT DELAY
750
ns
VRST (max) < VCC < 3.6 V
250
ns
4.5 V < VCC < 5.5 V
POWER-FAIL INPUT
PFI Input Threshold
1.2
1.25
1.3
V
ADM70xP/ADM70xR, VCC = 3 V
ADM70xS/ADM70xT, VCC = 3.3 V, PFI falling
PFI Input Current
−25
+0.01
+25
nA
PFO OUTPUT VOLTAGE
VOH
0.8 × VCC
V
VRST (max) < VCC < 3.6 V, ISOURCE = 500 μA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA
VOH
VCC − 1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800 μA
VOL
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 3.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com