Electronic Components Datasheet Search
  English  ▼

X  

STB120NF10T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB120NF10T4
Description  N-channel 100 V, 0.009 Ω, 110 A STripFET™II Power MOSFET in TO-247, TO-220, D²PAK, TO-220FP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120NF10T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB120NF10T4 Datasheet HTML 1Page - STMicroelectronics STB120NF10T4 Datasheet HTML 2Page - STMicroelectronics STB120NF10T4 Datasheet HTML 3Page - STMicroelectronics STB120NF10T4 Datasheet HTML 4Page - STMicroelectronics STB120NF10T4 Datasheet HTML 5Page - STMicroelectronics STB120NF10T4 Datasheet HTML 6Page - STMicroelectronics STB120NF10T4 Datasheet HTML 7Page - STMicroelectronics STB120NF10T4 Datasheet HTML 8Page - STMicroelectronics STB120NF10T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2011
Doc ID 9522 Rev 7
1/21
21
STP120NF10, STB120NF10
STF120NF10, STW120NF10
N-channel 100 V, 0.009
Ω, 110 A STripFET™ II Power MOSFET
in TO-247, TO-220, D²PAK, TO-220FP
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Application
■ Switching applications
Description
These devices are N-channel Power MOSFET
realized with STMicroelectronics unique
STripFET™ process has specifically been
designed to minimize the on-resistance. It is
therefore suitable as primary switch in advanced
high-efficiency, high-frequency isolated DC-DC
converters for telecom and computer application.
It is also intended for any applications with low
gate drive requirements.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STW120NF10
STP120NF10
STB120NF10
STF120NF10
100V
<0.0105
Ω
110 A
110 A
110 A
41 A
TO-247
1
3
1
2
3
TO-220
D²PAK
1
2
3
TO-220FP
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STB120NF10
B120NF10
D²PAK
Tape and reel
STF120NF10
120NF10
TO-220FP
Tube
STP120NF10
P120NF10
TO-220
STW120NF10
W120NF10
TO-247
www.st.com


Similar Part No. - STB120NF10T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
946Kb / 21P
N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
11-May-2011
logo
VBsemi Electronics Co.,...
STB120NF10 VBSEMI-STB120NF10 Datasheet
969Kb / 7P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STB120NF10T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF12 STMICROELECTRONICS-STB80NF12 Datasheet
501Kb / 12P
N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STF19NM50N STMICROELECTRONICS-STF19NM50N Datasheet
715Kb / 15P
N-channel 500 V, 0.2 ohm, 14 A MDmesh II Power MOSFET in TO-220FP, TO-220 and TO-247
09-Feb-2010
STF120NF10 STMICROELECTRONICS-STF120NF10 Datasheet
946Kb / 21P
N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
11-May-2011
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB78NF55-08 STMICROELECTRONICS-STB78NF55-08 Datasheet
819Kb / 19P
N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
19-Jul-2016
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com