Electronic Components Datasheet Search
  English  ▼

X  

STD3PK50Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD3PK50Z
Description  P-channel 500 V, 3 Ω typ., 2.8 A Zener-protected SuperMESH™Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PK50Z Datasheet(HTML) 3 Page - STMicroelectronics

  STD3PK50Z Datasheet HTML 1Page - STMicroelectronics STD3PK50Z Datasheet HTML 2Page - STMicroelectronics STD3PK50Z Datasheet HTML 3Page - STMicroelectronics STD3PK50Z Datasheet HTML 4Page - STMicroelectronics STD3PK50Z Datasheet HTML 5Page - STMicroelectronics STD3PK50Z Datasheet HTML 6Page - STMicroelectronics STD3PK50Z Datasheet HTML 7Page - STMicroelectronics STD3PK50Z Datasheet HTML 8Page - STMicroelectronics STD3PK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD3PK50Z
Electrical ratings
Doc ID 18280 Rev 2
3/15
1
Electrical ratings
Note:
For the P-channel Power MOSFETs actual polarity of voltages and current has to be
reversed.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
500
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2.8
A
ID
Drain current (continuous) at TC = 100 °C
1.8
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
11
A
PTOT
Total dissipation at TC = 25 °C
85
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by Tjmax )
2.8
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
200
mJ
dv/dt (2)
2.
ISD ≤ 2.8 A, di/dt ≤ 200 A/µs, VPeak ≤V(BR)DSS
Peak diode recovery voltage slope
40
V/ns
ESD
Gate-source human body model
(R = 1,5 k, C = 100 pF)
3kV
Tj
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.47
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com