Electronic Components Datasheet Search
  English  ▼

X  

STN3N45K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN3N45K3
Description  N-channel 450 V, 3.2 Ω, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3N45K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STN3N45K3 Datasheet HTML 1Page - STMicroelectronics STN3N45K3 Datasheet HTML 2Page - STMicroelectronics STN3N45K3 Datasheet HTML 3Page - STMicroelectronics STN3N45K3 Datasheet HTML 4Page - STMicroelectronics STN3N45K3 Datasheet HTML 5Page - STMicroelectronics STN3N45K3 Datasheet HTML 6Page - STMicroelectronics STN3N45K3 Datasheet HTML 7Page - STMicroelectronics STN3N45K3 Datasheet HTML 8Page - STMicroelectronics STN3N45K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2010
Doc ID 17206 Rev 2
1/12
12
STN3N45K3
STQ3N45K3-AP, STU3N45K3
N-channel 450 V, 3.2
Ω, 1.8 A, TO-92, SOT-223, IPAK
SuperMESH3™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Application
■ Switching applications
Description
The new SuperMESH3™ series is obtained
through the combination of a further fine tuning of
ST's well established strip-based PowerMESH™
layout with a new optimization of the vertical
structure. In addition to reducing on-resistance
significantly versus previous generation, special
attention has been taken to ensure a very good
dv/dt capability and higher margin in breakdown
voltage for the most demanding application.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STN3N45K3
450 V
< 3.8
Ω 0.6 A
2 W
STQ3N45K3-AP
450 V
< 3.8
Ω 0.6 A 2.5 W
STU3N45K3
450 V
< 3.8
Ω 1.8 A 27 W
1
2
2
3
3
2
1
TO-92
SOT-223
IPAK
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STN3N45K3
3N45K3
SOT-223
Tube
STQ3N45K3-AP
3N45K3
TO-92
Ammopak
STU3N45K3
3N45K3
IPAK
Tube
www.st.com


Similar Part No. - STN3N45K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3N40K3 STMICROELECTRONICS-STN3N40K3 Datasheet
847Kb / 13P
N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
08-Apr-2011
More results

Similar Description - STN3N45K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
07-Sep-2005
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
22-Nov-2004
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Jan-2006
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
N-CHANNEL 600V - 8Ω - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
14-Feb-2006
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
logo
STMicroelectronics
STN3N40K3 STMICROELECTRONICS-STN3N40K3 Datasheet
847Kb / 13P
N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
08-Apr-2011
CD00269478 STMICROELECTRONICS-CD00269478 Datasheet
443Kb / 10P
Dual N-channel 450 V, 3.2 廓, 0.5 A SuperMESH3 Power MOSFET in SO-8
07-Apr-2010
logo
Xian Semipower Electron...
SW2N40D SEMIPOWER-SW2N40D Datasheet
909Kb / 6P
N-channel Enhanced mode TO-92/SOT-223 MOSFET
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20_V01 Datasheet
515Kb / 12P
N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
27-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com