Electronic Components Datasheet Search
  English  ▼

X  

STV160NF02LT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV160NF02LT4
Description  N-CHANNEL 20V - 0.0016Ω - 160A PowerSO-10 STripFET™II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV160NF02LT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STV160NF02LT4 Datasheet HTML 1Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 2Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 3Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 4Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 5Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 6Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 7Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3/8
STV160NF02L
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =10 V,ID =80A
RG =4.7Ω VGS =10V
(see test circuit, Figure 3)
28
ns
tr
Rise Time
800
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =16 V,ID =160 A,
VGS =10 V
115
15
45
160
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD =10 V,ID =80 A,
RG =4.7Ω, VGS =10 V
(see test circuit, Figure 5)
80
240
ns
ns
td(off)
tr(Voff)
tf
tc
Turn-off Delay Time
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp = 16 V, ID =40A
RG =4.7Ω, VGS = 10V
80
40
140
200
ns
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
160
A
ISDM (1)
Source-drain Current (pulsed)
640
A
VSD (2)
ForwardOnVoltage
ISD =160 A, VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD =80A,di/dt =100A/µs,
VDD =15V, Tj =25°C
(see test circuit, Figure 5)
90
225
5
ns
nC
A
Safe Operating Area
Thermal Impedance
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com