Electronic Components Datasheet Search
  English  ▼

X  

PE39473 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39473
Description  TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39473 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39473 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39473 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39473 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
TNC Male
Configuration
Straight
Connector 2
Type
TNC Male Right Angle
Configuration
RightAngle
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS from Pasternack
EnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproducts
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax,
RoHS PE39473
URL:
http://www.pasternack.com/tnc-male-tnc-male-pe-sr405fl-cable-assembly-pe39473-p.aspx
PE39473 REV
PE39473
TNC Male to TNC Male Right Angle Semi-Flexible
Precision Cable Using PE-SR405FL Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com