Electronic Components Datasheet Search
  English  ▼

X  

PE39477 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39477
Description  TNC Female Bulkhead to MCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39477 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39477 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39477 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39477 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using
PE-SR405FL Coax, RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
TNC Female Bulkhead
Connector 2
MCX Plug Right Angle
Cable Type
PE-SR405FL
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
170
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.225 dB/ft [ 0.74 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.549 dB/ft [ 1.8 dB/m ]
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR405FL
Diameter, in [mm]
0.086 [2.18]
.
Weight, lbs [g]
0.013 [5.9]
One Time Minimum Bend Radius, in [mm]
0.37 [9.4]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-
SR405FL Coax, RoHS PE39477
PE39477 REV
PE39477
TNC Female Bulkhead to MCX Plug Right Angle Semi-
Flexible Precision Cable Using PE-SR405FL Coax, RoHS


Similar Part No. - PE39477

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39477-12 PASTERNACK-PE39477-12 Datasheet
374Kb / 4P
TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39477-18 PASTERNACK-PE39477-18 Datasheet
375Kb / 4P
TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39477-24 PASTERNACK-PE39477-24 Datasheet
374Kb / 4P
TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39477-6 PASTERNACK-PE39477-6 Datasheet
374Kb / 4P
TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL
PE39477-9 PASTERNACK-PE39477-9 Datasheet
374Kb / 4P
TNC Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL
More results

Similar Description - PE39477

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39421 PASTERNACK-PE39421 Datasheet
339Kb / 3P
SMA Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39476 PASTERNACK-PE39476 Datasheet
343Kb / 3P
SMA Male Right Angle to TNC Female Bulkhead Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39484 PASTERNACK-PE39484 Datasheet
339Kb / 3P
SMA Male Right Angle to TNC Female Bulkhead Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39449 PASTERNACK-PE39449 Datasheet
336Kb / 3P
N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39463 PASTERNACK-PE39463 Datasheet
341Kb / 3P
N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39478 PASTERNACK-PE39478 Datasheet
343Kb / 3P
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39491 PASTERNACK-PE39491 Datasheet
345Kb / 3P
TNC Female Bulkhead to MCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39491 PASTERNACK-PE39491 Datasheet
345Kb / 3P
TNC Female Bulkhead to MCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39421 PASTERNACK-PE39421_15 Datasheet
373Kb / 4P
SMA Female Bulkhead to MCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39449 PASTERNACK-PE39449_15 Datasheet
372Kb / 4P
N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com