Electronic Components Datasheet Search
  English  ▼

X  

PE39478 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39478
Description  TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39478 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39478 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39478 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39478 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR405FL
Diameter, in [mm]
0.086 [2.18]
.
Weight, lbs [g]
0.013 [5.9]
One Time Minimum Bend Radius, in [mm]
0.37 [9.4]
Repeated Minimum Bend Radius, in [mm]
0.787 [19.99]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
TNC Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Connector 2
Type
MMCX Plug Right Angle
Configuration
RightAngle
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-
SR405FL Coax, RoHS PE39478
URL:
http://www.pasternack.com/tnc-female-mmcx-plug-pe-sr405fl-cable-assembly-pe39478-p.aspx
PE39478 REV
PE39478
TNC Female Bulkhead to MMCX Plug Right Angle Semi-
Flexible Precision Cable Using PE-SR405FL Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com