Electronic Components Datasheet Search
  English  ▼

X  

PE39480 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39480
Description  TNC Male Right Angle to TNC Male Right Angle Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39480 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39480 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39480 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39480 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-
SR402FL Coax, RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
TNC Male Right Angle
Connector 2
TNC Male Right Angle
Cable Type
PE-SR402FL
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.5:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
500
Typical Electrical Specifications
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.119 dB/ft [ 0.39 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.28 dB/ft [ 0.92 dB/m ]
ElectricalSpecificationNotes:
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR402FL
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-
SR402FL Coax, RoHS PE39480
PE39480 REV
PE39480
TNC Male Right Angle to TNC Male Right Angle Semi-
Flexible Precision Cable Using PE-SR402FL Coax, RoHS


Similar Part No. - PE39480

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39480-12 PASTERNACK-PE39480-12 Datasheet
385Kb / 4P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39480-18 PASTERNACK-PE39480-18 Datasheet
385Kb / 4P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Cable 18 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39480-24 PASTERNACK-PE39480-24 Datasheet
385Kb / 4P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Cable 24 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39480-6 PASTERNACK-PE39480-6 Datasheet
385Kb / 4P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Cable 6 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39480-9 PASTERNACK-PE39480-9 Datasheet
385Kb / 4P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Cable 9 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
More results

Similar Description - PE39480

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39472 PASTERNACK-PE39472 Datasheet
337Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39473 PASTERNACK-PE39473 Datasheet
334Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39479 PASTERNACK-PE39479 Datasheet
331Kb / 3P
TNC Male to TNC Male Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39481 PASTERNACK-PE39481 Datasheet
335Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39486 PASTERNACK-PE39486 Datasheet
340Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39487 PASTERNACK-PE39487 Datasheet
337Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39494 PASTERNACK-PE39494 Datasheet
336Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39495 PASTERNACK-PE39495 Datasheet
335Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39486 PASTERNACK-PE39486 Datasheet
340Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39481-9 PASTERNACK-PE39481-9 Datasheet
336Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com