Electronic Components Datasheet Search
  English  ▼

X  

PE39488 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39488
Description  TNC Male to TNC Female Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39488 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39488 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39488 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39488 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable TNC Male to TNC Female Semi-Flexible Precision Cable Using PE-SR405FLJ Coax,
RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
TNC Male
Connector 2
TNC Female
Cable Type
PE-SR405FLJ
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
500
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.225 dB/ft [ 0.74 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.549 dB/ft [ 1.8 dB/m ]
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR405FLJ
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Male to TNC Female Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39488
PE39488 REV
PE39488
TNC Male to TNC Female Semi-Flexible Precision
Cable Using PE-SR405FLJ Coax, RoHS


Similar Part No. - PE39488

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39488-12 PASTERNACK-PE39488-12 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-18 PASTERNACK-PE39488-18 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-24 PASTERNACK-PE39488-24 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-6 PASTERNACK-PE39488-6 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-9 PASTERNACK-PE39488-9 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
More results

Similar Description - PE39488

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39474 PASTERNACK-PE39474 Datasheet
332Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39482 PASTERNACK-PE39482 Datasheet
332Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39485 PASTERNACK-PE39485 Datasheet
335Kb / 3P
TNC Male to TNC Male Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39487 PASTERNACK-PE39487 Datasheet
337Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39485-6 PASTERNACK-PE39485-6 Datasheet
335Kb / 3P
TNC Male to TNC Male Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-6 PASTERNACK-PE39488-6 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-9 PASTERNACK-PE39488-9 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-12 PASTERNACK-PE39488-12 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-18 PASTERNACK-PE39488-18 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39488-24 PASTERNACK-PE39488-24 Datasheet
335Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com