Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  600mA Constant On-Time Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5017 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 9Page - Texas Instruments LM5017 Datasheet HTML 10Page - Texas Instruments LM5017 Datasheet HTML 11Page - Texas Instruments LM5017 Datasheet HTML 12Page - Texas Instruments LM5017 Datasheet HTML 13Page - Texas Instruments LM5017 Datasheet HTML 14Page - Texas Instruments LM5017 Datasheet HTML 15Page - Texas Instruments LM5017 Datasheet HTML 16Page - Texas Instruments LM5017 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
+
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
UVLO
VIN
VOUT1
VOUT2
RFB1
RUV1
RON
COUT1
CBST
D1
CIN
COUT2
RFB2
RUV2
X1
Rr NP
NS
LM5017
CVCC
+
D2
20V-100V
Cr
Cac
NS
VOUT2 = VOUT1 x
NP
- VF
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
R2
R7
R3
C9
C1
C4
R1
R5
L1
UVLO
C7
LM5017
12V-95V
1
2
3
4
5
6
8
7
(TP4)
+
C5
2.2 F
0.47 F 127 NŸ
14
NŸ
499
NŸ
GND
(TP1)
(TP2)
UVLO/SD
U1
R6
(TP3)
(TP5)
GND
R4
C6
C8
+
D2
R8
EXP
0
Ÿ
1
NŸ
6.98
NŸ
22 F
0
Ÿ
220 H
0.01 F
1 F
3300 pF
0.1 F
46.4
NŸ
(TP6)
SW
30177733
RUV2
VIN (UVLO,rising) = 1.225V x
RUV1
+ 1
(
)
VIN(HYS) = IHYS x RUV2
LM5017
www.ti.com
SNVS783D – JANUARY 2012 – REVISED MAY 2013
UVLO Resistors:
The UVLO resistors RFB1 and RFB2 set the UVLO threshold and hysteresis according to the following relationship:
and
where IHYS = 20μA. Setting UVLO hysteresis of 2.5V and UVLO rising threshold of 12V results in RUV1 = 14.53kΩ
and RUV2 = 125kΩ. Selecting standard value of RUV1 = 14kΩ and RUV2 = 125kΩ results in UVLO thresholds and
hysteresis of 12.4V and 2.5V respectively.
APPLICATION CIRCUIT: 12V TO 95V INPUT AND 10V, 500mA OUTPUT BUCK CONVERTER
The application schematic of a buck supply is shown in Figure 16 below. For output voltage (VOUT) above the
maximum regulation threshold of VCC (8.55V, see Electrical Characteristics), the VCC pin can be connected to
VOUT through a diode (D2), as shown below, for higher efficiency and lower power dissipation in the IC.
Figure 16. Final Schematic for 12V to 95V Input, and 10V, 500mA Output Buck Converter
ISOLATED DC-DC CONVERTER USING LM5017
An isolated supply using LM5017 is shown in Figure 17 below. Inductor (L) in a typical buck circuit is replaced
with a coupled inductor (X1). A diode (D1) is used to rectify the voltage on a secondary output. The nominal
voltage at the secondary output (VOUT2) is given by:
where VF is the forward voltage drop of D1, and NP, NS are the number of turns on the primary and secondary
of coupled inductor X1. For output voltage (VOUT1) above the maximum VCC (8.55V), the VCC pin can be diode
connected to VOUT1 for higher effiicency and low dissipation in the IC. See AN-2204 (SNVA611) for a complete
isolated bias design with LM5017.
Figure 17. Typical Isolated Application Schematic
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com