Electronic Components Datasheet Search
  English  ▼

X  

LM317LCD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LCD
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCD Datasheet(HTML) 2 Page - Texas Instruments

  LM317LCD Datasheet HTML 1Page - Texas Instruments LM317LCD Datasheet HTML 2Page - Texas Instruments LM317LCD Datasheet HTML 3Page - Texas Instruments LM317LCD Datasheet HTML 4Page - Texas Instruments LM317LCD Datasheet HTML 5Page - Texas Instruments LM317LCD Datasheet HTML 6Page - Texas Instruments LM317LCD Datasheet HTML 7Page - Texas Instruments LM317LCD Datasheet HTML 8Page - Texas Instruments LM317LCD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
11.5 k
Ω
124
Ω
200 k
Ω
195
Ω
5.3 k
Ω 5.7 k
Ω 70 Ω
5.1 k
Ω
pF
30
pF
30
2.1 k
Ω
2.12 k
Ω
10.8 k
Ω
40
Ω
ADJUSTMENT
OUTPUT
670
Ω
1.4
Ω
360
Ω
INPUT
310
Ω
5.6 k
Ω
251 W
190
Ω
310
Ω
NOTE A: All component values shown are nominal.
LM317L
SLCS144D
– JULY 2004 – REVISED OCTOBER 2011
www.ti.com
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 75
LM317LCD
SOIC
– D
L317LC
Reel of 2500
LM317LCDR
SOT-89
– PK
Reel of 1000
LM317LCPK
LA
0
°C to 125°C
Bulk of 1000
LM317LCLP
TO-226/TO-92
– LP
L317LC
Reel of 2000
LM317LCLPR
Tube of 150
LM317LCPW
TSSOP
– PW
L317LC
Reel of 2000
LM317LCPWR
Tube of 75
LM317LID
SOIC
– D
L317LI
Reel of 2500
LM317LIDR
SOT-89
– PK
Reel of 1000
LM317LIPK
LB
–40°C to 125°C
Bulk of 1000
LM317LILP
TO-226/TO-92
– LP
L317LI
Reel of 2000
LM317LILPR
Tube of 150
LM317LIPW
TSSOP
– PW
L317LI
Reel of 2000
LM317LIPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback
Copyright
© 2004–2011, Texas Instruments Incorporated
Product Folder Link(s): LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com