Electronic Components Datasheet Search
  English  ▼

X  

LM35DM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM35DM
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35DM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM35DM Datasheet HTML 12Page - Texas Instruments LM35DM Datasheet HTML 13Page - Texas Instruments LM35DM Datasheet HTML 14Page - Texas Instruments LM35DM Datasheet HTML 15Page - Texas Instruments LM35DM Datasheet HTML 16Page - Texas Instruments LM35DM Datasheet HTML 17Page - Texas Instruments LM35DM Datasheet HTML 18Page - Texas Instruments LM35DM Datasheet HTML 19Page - Texas Instruments LM35DM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LM35
+
OUT
200*
1.5 k*
HEAT
FINS
V
A
R
A
1 k
1 PF
+
20 PF
+
LM3914
LM3914
1.2 k*
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
10
20 k
18
1
2
3
7 V
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
NC
V
B
V
C
499*
499*
10
18
7 V
7 V
1.5 k*
R
C
1 k
1 k*
R
B
1 k
20 LEDs
°F
LM35
SNIS159C – AUGUST 1999 – REVISED JULY 2013
www.ti.com
*=1% or 2% film resistor
Trim RB for VB = 3.075 V
Trim RC for VC = 1.955 V
Trim RA for VA = 0.075 V + 100 mV/°C ×Tambient
Example, VA = 2.275 V at 22°C
Figure 26. Bar-Graph Temperature Display (Dot Mode)
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com