Electronic Components Datasheet Search
  English  ▼

X  

ESE13 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ESE13
Description  1VL Detector Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ESE13 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ESE13 Datasheet HTML 1Page - Panasonic Semiconductor ESE13 Datasheet HTML 2Page - Panasonic Semiconductor ESE13 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Detector Switches/ESE13
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES34 –
1
E
2
S
3
E
4
5
6
7
8
9
Product Code
Design No
3
1
6th
H
V
From under to top type
From top to under type
Type
Without Boss
With Boss
Without Boss
With Boss
Positioning
J-bent Type
J-bent Type
Straight Type
Straight Type
Terminal Type
9th
A
B
C
D
■ Specifications
Rating
50 µA 3 Vdc to 10 mA 5 Vdc (Resistive load)
Contact Resistance
500 m
max. (Initial)
Insulation Resistance
100 M
min. (100 Vdc)
Dielectric Withstanding Voltage
100 Vac for 1 minute
Operating Force
300 mN max.
Mounting Height
1.2 mm
Poles and Throws
1-pole 1-throw
Full Travel (Pushing distance)
Type V : 2.15 mm (2.15 mm)
Type H : 3.05 mm (2.15 mm)
Operating Life
50000 cycles min.
Temperature Range
–10 °C to +60 °C
Heat Resistance
+70 °C for 96 hours
Low Temperature Resistance
–25 °C for 96 hours
Humidity Resistance
+40 °C 90 % to 95 % RH for 96 hours
Minimum Quantity/Packing Unit
ESE13H
5000 pcs. Embossed Taping (Reel Pack)
ESE13V
3000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
ESE13H
30000 pcs.
ESE13V
18000 pcs.
1VL Detector Switches
Type:
ESE13
■ Features
● Thin type : Height=1.2 mm
● Highly reliable contact
● SMD type (Embossed taping, Reflow soldering)
■ Explanation of Part Numbers
■ Recommended Applications
● Detection of media in portable electronic equipment
(Mobile phones / Digital still cameras / Camcorders)
Sep. 2010
00


Similar Part No. - ESE13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE13 PANASONIC-ESE13 Datasheet
100Kb / 3P
1VL Detector Switches
ESE13H01A PANASONIC-ESE13H01A Datasheet
100Kb / 3P
1VL Detector Switches
ESE13H01B PANASONIC-ESE13H01B Datasheet
100Kb / 3P
1VL Detector Switches
ESE13H01C PANASONIC-ESE13H01C Datasheet
100Kb / 3P
1VL Detector Switches
ESE13H01D PANASONIC-ESE13H01D Datasheet
100Kb / 3P
1VL Detector Switches
More results

Similar Description - ESE13

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
DETECTOR SWITCHES
logo
Panasonic Semiconductor
ESE-2161AT PANASONIC-ESE-2161AT Datasheet
158Kb / 2P
2NV Detector Switches
ESE-11MV1 PANASONIC-ESE-11MV1 Datasheet
188Kb / 6P
Detector Switches/ESE11
ESE-31R11T PANASONIC-ESE-31R11T Datasheet
81Kb / 2P
Detector Switches/ESE31
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
2W Detector Switches
ESE-18L61B PANASONIC-ESE-18L61B Datasheet
166Kb / 5P
1HL Detector Switches
ESE18R61B PANASONIC-ESE18R61B Datasheet
166Kb / 5P
1HL Detector Switches
ESE-13H01B PANASONIC-ESE-13H01B Datasheet
100Kb / 3P
1VL Detector Switches
ESE-18RJ02 PANASONIC-ESE-18RJ02 Datasheet
724Kb / 5P
1HL Detector Switches
ESE11 PANASONIC-ESE11 Datasheet
193Kb / 5P
ESE11 Detector Switches
201712-Fd
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com