Electronic Components Datasheet Search
  English  ▼

X  

IRLML6244 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML6244
Description  HEXFETPower MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6244 Datasheet(HTML) 2 Page - International Rectifier

  IRLML6244 Datasheet HTML 1Page - International Rectifier IRLML6244 Datasheet HTML 2Page - International Rectifier IRLML6244 Datasheet HTML 3Page - International Rectifier IRLML6244 Datasheet HTML 4Page - International Rectifier IRLML6244 Datasheet HTML 5Page - International Rectifier IRLML6244 Datasheet HTML 6Page - International Rectifier IRLML6244 Datasheet HTML 7Page - International Rectifier IRLML6244 Datasheet HTML 8Page - International Rectifier IRLML6244 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML6244TRPbF
2
www.irf.com
D
S
G
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
7.8
–––
mV/°C
–––
16.0
21.0
–––
22.0
27.0
VGS(th)
Gate Threshold Voltage
0.5
0.9
1.1
V
IDSS
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.7
–––
gfs
Forward Transconductance
17
–––
–––
S
Qg
Total Gate Charge
–––
8.9
–––
Qgs
Gate-to-Source Charge
–––
0.68
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.4
–––
td(on)
Turn-On Delay Time
–––
4.9
–––
tr
Rise Time
–––
7.5
–––
td(off)
Turn-Off Delay Time
–––
19
–––
tf
Fall Time
–––12–––
Ciss
Input Capacitance
–––
700
–––
Coss
Output Capacitance
–––
140
–––
Crss
Reverse Transfer Capacitance
–––
98
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
12
18
ns
Qrr
Reverse Recovery Charge
–––
5.1
7.7
nC
–––
–––
–––
–––
pF
A
1.3
32
VDD =10Vd
nA
nC
ns
VDS = VGS, ID = 10μA
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 2.5V, ID = 5.1A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 6.3A d
MOSFET symbol
showing the
VDS =10V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 16V
ƒ = 1.0MHz
RG = 6.8
VGS = 4.5V d
di/dt = 100A/μs
d
VGS = 12V
VGS = -12V
TJ = 25°C, IS = 6.3A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = 10V, ID = 6.3A
ID = 6.3A
ID = 1.0A
TJ = 25°C, VR = 15V, IF=1.3A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com