Electronic Components Datasheet Search
  English  ▼

X  

PMODLS1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PMODLS1
Description  Infrared Light Detector Module Reference Manual
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODLS1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PMODLS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODLS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P
Pm
mo
od
dL
LS
S1
1™
™
IIn
nffrra
arre
ed
d L
Liig
gh
htt D
De
ette
ec
ctto
orr M
Mo
od
du
ulle
e
R
Re
effe
erre
en
nc
ce
e M
Ma
an
nu
ua
all
®
www .d ig ilen tinc .c om
Revision: August 14, 2007
Note: This document applies to REV A of the board.
215 E Main Suite D | Pullman, WA 99163
(509) 334 6306 Voice and Fax
Doc: 502-086
page 1 of 2
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Overview
The PmodLS1 module is an interface module
for connecting optical sensors to digital inputs
on a Digilent system board. When used with
reflective infrared light detector sensors
(available from Digilent), the PmodLS1 is
ideally suited for use in line-sensing robots. It
is also well-suited for use as a general-purpose
interface for either reflective or transmissive
photo detectors.
The module can be used with Digilent
microcontroller boards or Digilent FPGA
boards.
Functional Description
The PmodLS1 is designed to be used with
sensors containing an infrared LED and an
infrared-sensitive photo-transistor. The
module supports up to four sensors connected
at the S1, S2, S3, and S4 headers. Digilent
has reflective-type sensors available for use
with the PmodLS1. When using Digilent’s
sensors, refer to the print on the board for the
orientation of the wire. If third-party sensors
are used, refer to the connection diagram in
figure 2 or the board schematic available at
www.digilentinc.com for the proper connection
of the LED and photo-transistor.
The PmodLS1 uses the VCC pin (pin 6) of the
Pmod connector J1 to power the infrared
LEDs. The module uses analog comparators
to determine when the infrared detectors have
sensed more infrared light than the threshold
limit. The sensitivity of the sensors can be
adjusted by adjusting the onboard
potentiometer.
Figure 1 PmodLS1 Circuit Diagram
Figure 2 Sensor Connection Diagram


Similar Part No. - PMODLS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMOD8LD ETC1-PMOD8LD Datasheet
148Kb / 1P
The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.
PMODACL2 ETC1-PMODACL2 Datasheet
150Kb / 1P
PmodACL2??Diigiitall Accellerometer Reference Manuall
PMODAMP2 ETC1-PMODAMP2 Datasheet
502Kb / 2P
The PmodAMP2 amplifies low power audio signals to drive a monophonic output.
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
COPURIGHT 2007 DIGILENT INC.
PMODCLS ETC1-PMODCLS Datasheet
122Kb / 4P
Seriiall LCD Diispllay Modulle Refference Manuall
More results

Similar Description - PMODLS1

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
logo
ADTech
ADT5200 ADTECH-ADT5200 Datasheet
57Kb / 3P
Infrared light detector with digital output
logo
Hamamatsu Corporation
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
Reference Manual
logo
Hamamatsu Corporation
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
Infrared detector module with preamp
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
Reference Manual
Rev. 1.4 18 June 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com