Electronic Components Datasheet Search
  English  ▼

X  

PE44578 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44578
Description  75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44578 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44578 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44578 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159
Configuration
Connector
BNC Male
Connector Interface Type
Mini 59,PE-B159
Cable Attachment Method (Shield/Contact)
Compression
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.365 [34.67]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
1µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
60µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
60µ in. minimum
Dielectric Type
HDPE/ Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159 PE44578
URL:
http://www.pasternack.com/bnc-male-standard-mini-59-connector-pe44578-p.aspx
PE44578
PE44578 REV 01
75 Ohm BNC Male Connector Compression
Attachment For Mini 59, PE-B159


Similar Part No. - PE44578

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4457 PASTERNACK-PE4457 Datasheet
110Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44572 PASTERNACK-PE44572 Datasheet
213Kb / 2P
75 Ohm F Male Precision Connector Compression Attachment For PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
More results

Similar Description - PE44578

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
PE44576 PASTERNACK-PE44576 Datasheet
216Kb / 2P
75 Ohm RCA Male Connector Compression Attachment For Mini 59, PE-B159
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44577 PASTERNACK-PE44577 Datasheet
266Kb / 2P
75 Ohm BNC Male Precision Connector Compression Attachment For PE-B159
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
PE44579 PASTERNACK-PE44579 Datasheet
207Kb / 2P
75 Ohm F Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com