Electronic Components Datasheet Search
  English  ▼

X  

ZTX652 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX652
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX652 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX652 Datasheet HTML 1Page - Diodes Incorporated ZTX652 Datasheet HTML 2Page - Diodes Incorporated ZTX652 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 2 – JULY 94
FEATURES
* 100 Volt VCEO
* 2 Amp continuous current
* Low saturation voltage
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX652
ZTX653
UNIT
Collector-Base Voltage
VCBO
100
120
V
Collector-Emitter Voltage
VCEO
80
100
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
6A
Continuous Collector Current
IC
2A
Power Dissipation at Tamb=25°C
derate above 25°C
Ptot
1
5.7
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX652
ZTX653
UNIT CONDITIONS.
MIN. TYP. MAX. MIN. TYP. MAX.
Collector-Base
Breakdown
Voltage
V(BR)CBO 100
120
V
IC=100µA
Collector-Emitter
Breakdown
Voltage
V(BR)CEO 80
100
V
IC=10mA*
Emitter-Base
Breakdown
Voltage
V(BR)EBO 55V
IE=100µA
Collector Cut-Off
Current
ICBO
0.1
10
0.1
10
µ
A
µ
A
µ
A
µ
A
VCB=80V
VCB=100V
VCB=80V,Tamb=100°C
VCB=100V,Tamb=100°C
Emitter Cut-Off
Current
IEBO
0.1
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.13
0.23
0.3
0.5
0.13
0.23
0.3
0.5
V
V
IC=1A, IB=100mA*
IC=2A, IB=200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
1.25
0.9
1.25 V
IC=1A, IB=100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.8
1
0.8
1
V
IC=1A, VCE=2V*
ZTX652
ZTX653
3-223
C
B
E
E-Line
TO92 Compatible
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX652
ZTX653
UNIT CONDITIONS.
MIN. TYP. MAX. MIN. TYP. MAX.
Transition
Frequency
fT
140
175
140
175
MHz IC=100mA, VCE=5V
f=100MHz
Switching Times
ton
80
80
ns
IC=500mA, VCC=10V
IB1=IB2=50mA
toff
1200
1200
ns
Output Capacitance Cobo
30
30
pF
VCB=10V f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance: Junction to Ambient1
Junction to Ambient2
Junction to Case
Rth(j-amb)1
Rth(j-amb)2†
Rth(j-case)
175
116
70
°C/W
°C/W
°C/W
† Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
ZTX652
ZTX653
-40
0.0001
Derating curve
T -Temperature (°C)
Maximum transient thermal impedance
Pulse Width (seconds)
10
100
1
0.1
0.01
-20
0
20 40
60 80 100 120
200
180
160
140
0.001
0
100
200
D=0.2
D=0.1
Single Pulse
D=0.5
t1
tP
D=t1/tP
1.0
0.5
2.0
1.5
Case
temperature
2.5
Ambient
temperat
ure
0
D=1 (D.C.)
3-222


Similar Part No. - ZTX652

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX652 ZETEX-ZTX652 Datasheet
61Kb / 3P
NPN SILICON PLANAR(MEDIUM POWER TRANSISTORS)
logo
Diodes Incorporated
ZTX652 DIODES-ZTX652 Datasheet
70Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
ZTX652 DIODES-ZTX652_15 Datasheet
90Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
More results

Similar Description - ZTX652

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP43 ZETEX-BSP43 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX452 ZETEX-ZTX452 Datasheet
47Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX454 ZETEX-ZTX454 Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX650 ZETEX-ZTX650 Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX450 DIODES-ZTX450 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX452 DIODES-ZTX452 Datasheet
56Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX650 DIODES-ZTX650 Datasheet
73Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
2N67145 DIODES-2N67145 Datasheet
41Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX450 DIODES-ZTX450_15 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX455 DIODES-ZTX455_15 Datasheet
59Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com