Electronic Components Datasheet Search
  English  ▼

X  

IR2103 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2103
Description  Half-Bridge Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2103 Datasheet(HTML) 1 Page - International Rectifier

  IR2103_13 Datasheet HTML 1Page - International Rectifier IR2103_13 Datasheet HTML 2Page - International Rectifier IR2103_13 Datasheet HTML 3Page - International Rectifier IR2103_13 Datasheet HTML 4Page - International Rectifier IR2103_13 Datasheet HTML 5Page - International Rectifier IR2103_13 Datasheet HTML 6Page - International Rectifier IR2103_13 Datasheet HTML 7Page - International Rectifier IR2103_13 Datasheet HTML 8Page - International Rectifier IR2103_13 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IR2103(S)PBF
1
www.irf.com
© 2013 International Rectifier
April 18, 2013
Half-Bridge Driver
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout
3.3V, 5V and 15V logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
Internal set deadtime
High side output in phase with HIN input
Low side output out of phase with LIN input
Description
The IR2103(S) are high voltage, high speed power MOSFET and
IGBT drivers with dependent high and low side referenced output
channels. Proprietary HVIC and latch immune CMOS technologies
enable ruggedized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL output, down to 3.3V
logic. The output drivers feature a high pulse current buffer stage
designed for minimum driver cross-conduction. The floating channel
can be used to drive an N-channel power MOSFET or IGBT in the
high side configuration which operates up to 600 volts.
Ordering Information
Product Summary
VOFFSET (max)
600V
IO+/-
130mA / 270mA
VOUT
10V
– 20V
ton/off (typ.)
680 & 150 ns
Deadtime (typ.)
520 ns
Package Options
8 Lead SOIC
8 Lead PDIP
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR2103SPBF
SO8N
Tube
95
IR2103SPBF
IR2103SPBF
SO8N
Tape and Reel
2500
IR2103STRPBF
IR2103PBF
PDIP8
Tube
50
IR2103PBF


Similar Part No. - IR2103_13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2103PBF IRF-IR2103PBF Datasheet
1Mb / 18P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2103PBF INFINEON-IR2103PBF Datasheet
1Mb / 18P
Half-Bridge Driver
April 18, 2013
logo
International Rectifier
IR2103PBF IRF-IR2103PBF_15 Datasheet
1Mb / 18P
Half-Bridge Driver
IR2103S IRF-IR2103S Datasheet
119Kb / 12P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2103SPBF INFINEON-IR2103SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
April 18, 2013
More results

Similar Description - IR2103_13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com