Electronic Components Datasheet Search
  English  ▼

X  

IR2103SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR2103SPBF
Description  Half-Bridge Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2103SPBF Datasheet(HTML) 5 Page - International Rectifier

  IR2103SPBF Datasheet HTML 1Page - International Rectifier IR2103SPBF Datasheet HTML 2Page - International Rectifier IR2103SPBF Datasheet HTML 3Page - International Rectifier IR2103SPBF Datasheet HTML 4Page - International Rectifier IR2103SPBF Datasheet HTML 5Page - International Rectifier IR2103SPBF Datasheet HTML 6Page - International Rectifier IR2103SPBF Datasheet HTML 7Page - International Rectifier IR2103SPBF Datasheet HTML 8Page - International Rectifier IR2103SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IR2103(S)PBF
5
www.irf.com
© 2013 International Rectifier
April 18, 2013
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
ton
Turn-on propagation delay
—
680
820
ns
VS = 0V
toff
Turn-off propagation delay
—
150
220
VS = 600V
tr
Turn-on rise time
—
100
170
tf
Turn-off fall time
—
50
60
DT
Deadtime, LS turn-off to HS turn-on
& HS turn-on to LS turn-off
400
520
650
MT
Delay matching, HS & LS turn on/off
—
—
60
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH, and IIN parameters are
referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective
output leads: HO or LO.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
VIH
Logic ―1‖ (HIN) & Logic ―0‖ ( LIN
¯¯¯)
input voltage
3
—
—
V
VCC = 10V to 20V
VIL
Logic ―0‖ (HIN) & Logic ―1‖ ( LIN
¯¯¯)
input voltage
—
—
0.8
VCC = 10V to 20V
VOH
High level output voltage VBIAS - VO
—
—
100
mV
IO = 0A
VOL
Low level output voltage, VO
—
—
100
IO = 0A
ILK
Offset supply leakage current
—
—
50
μA
VB = VS = 600V
IQBS
Quiescent VBS supply current
—
30
55
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
150
270
VIN = 0V or 5V
IIN+
Logic ―1‖ input bias current
—
3
10
HIN = 5V, LIN
¯¯¯ =0V
IIN-
Logic ―0‖ input bias current
—
—
1
HIN = 0V, LIN
¯¯¯ =5V
VCCUV+
VCC supply undervoltage positive
going threshold
8
8.9
9.8
V
VCCUV-
VCC supply undervoltage negative
going threshold
7.4
8.2
9
IO+
Output high short circuit pulsed
current
130
210
—
mA
VO = 0V, VIN = VIH
PW ≤ 10 μs
IO-
Output low short circuit pulsed
current
270
360
—
VO = 15V , VIN = VIL
PW ≤ 10 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com