Electronic Components Datasheet Search
  English  ▼

X  

PMEG6002EB115 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG6002EB115
Description  Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6002EB115 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG6002EB115 Datasheet HTML 2Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 3Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 4Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 5Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 6Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 7Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 8Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 9Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PMEG6002EB_PMEG6002TV_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 24 November 2006
6 of 10
NXP Semiconductors
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
8.
Test information
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 4.
Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
Fig 5.
Package outline SOD523 (SC-79)
Fig 6.
Package outline SOT666
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
4000
8000
10000
PMEG6002EB SOD523
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
PMEG6002TV SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com