Electronic Components Datasheet Search
  English  ▼

X  

ADNS-2610 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-2610
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-2610 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-2610 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
The focus point is important and could affect the SQUAL
value. Figure 32 shows another setup with various z-
heights. This graph clearly shows that the SQUAL value is
dependent on focus distance.
Note: The data is obtained by getting multiple readings
over different heights.
SQUAL
Address: 0x04
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
SQ
7
SQ
6
SQ
5
SQ
4
SQ
3
SQ
2
SQ
1
SQ
0
Data Type: Upper 8 bits of a 9-bit integer.
USAGE: SQUAL (Surface QUALity) is a measure of the number of features visible by the sensor in the current frame.
Number of Features = SQUAL Register Value x 2.
The maximum value is 255. Since small changes in the current frame can result in changes in SQUAL, variations in SQUAL
when looking at a surface are expected. The graph below shows 250 sequentially acquired SQUAL values, while a sensor
was moved slowly over white paper. SQUAL is nearly equal to zero when there is no surface below the sensor.
1.50
1.25
1.00
0.75
0.50
0.25
0
DELTA FROM NOMINAL FOCUS (mm)
Figure 32. Typical Mean SQUAL vs. z
(white paper).
-1.0
-0.6
-0.2
0.2
0.6
1.0
σ
σ
3
3
–
+
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com