Electronic Components Datasheet Search
  English  ▼

X  

ADNS-6000 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6000
Description  Laser Mouse Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6000 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-6000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
Figure 11. NPD Rising Edge Timing Detail
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD3=3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
DC Supply Current
IDD_AVG
50
mA
DC average at 6469 fps. No DC
load on XY_LASER, MISO.
Power Down Supply
Current
IDDPD
5
90
mA
NPD=GND; SCLK, MOSI,
NCS=GND or VDD3;
RESET=0V or GND
Input Low Voltage
VIL
0.8
V
SCLK, MOSI, NPD, NCS, RESET
Input High Voltage
VIH
0.7 * VDD3
V
SCLK, MOSI, NPD, NCS, RESET
Input hysteresis
VI_HYS
200
mV
SCLK, MOSI, NPD, NCS, RESET
Input current, pull-up
disabled
IIH_DPU
0
±10
mA
Vin=0.8*VDD3, SCLK, MOSI, NCS
Input current, CMOS
inputs
IIH
0
±10
mA
NPD, RESET, Vin=0.8*VDD3
Output current,
pulled-up inputs
IOH_PU
150
300
600
mA
Vin=0.2V, SCLK, MOSI, NCS; See
bit 2 in Extended_Config register
XY_LASER Current
ILAS
146/Rbin
A
Vxy_laser >= 0.7 V
LP_CFG0 = 0x00, LP_CFG1 =
0xFF
XY_LASER Current
(fault mode)
ILAS
500
uA
Rbin < 50 Ohms, or VXY_LASER
<0.2V
Output Low Voltage,
MISO, LASER_NEN
VOL
0.5
V
Iout=2mA, MISO
Iout= 1mA, LASER_NEN
Output High Voltage,
MISO,
LASER_NEN
VOH
0.8*VDD3
V
Iout=-2mA, MISO
Iout= -0.5 mA, LASER_NEN
XY_LASER Current
(no Rbin)
ILAS_NRB
1
mA
Rbin = open
LASER
CURRENT
(shutter mode)
Oscillator Start
NPD
250 us
Reset
Count
340 us
SCLK
Optional SPI transactions
with old image data
590 us
COMPUTE
= 590us + 5 Frame Periods
“Motion” bit set if
motion was detected.
First read dX = dY = 0
Frame
2
Frame
3
Frame
4
Frame
5
Frame
1
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com