Electronic Components Datasheet Search
  English  ▼

X  

MCS0402 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MCS0402
Description  Precision Thin Film Flat Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402 Datasheet(HTML) 1 Page - Vishay Siliconix

  MCS0402 Datasheet HTML 1Page - Vishay Siliconix MCS0402 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Benefits
• Thinfilmtechnology
• LowTCR:±10to±25ppm/K
• Precisiontoleranceofvalue:±0.1and±0.25%
• Superioroverallstability:class0.1and0.25
• Greenproduct,supportslead-freesoldering
• ApprovedaccordingtoEN140401-801
APPLiCAtiOns
• Telecommunications
• Industrialequipment
• Automotiveelectronics
• Testandmeasuringequipment
• Medicalequipment
ResOuRCes
• Datasheet:MCS0402,MCT0603,MCU0805,MCA1206Series-
http://www.vishay.com/doc?28700
• Fortechnicalquestionscontactthinfilmchip@vishay.com
MCS0402,MCT0603,MCU0805,MCA1206Series
ThISDoCUMENTISSUbjECTToChANGEwIThoUTNoTICE.ThEPRoDUCTSDESCRIbEDhEREINANDThISDoCUMENTARESUbjECTTo
SPECIFICDISCLAIMERS,SETFoRThATwww.vishay.com/doc?91000
tHin fiLM fuse ResistORs
ON
AND TEC
1 9 6 2 - 2 0 1 2
V I S h AyI N TE R TE C h N o L o Gy,I NC .
VMN-PT9106-1203
1/2
Discrete Semiconductors and Passive Components
One of the World’s Largest Manufacturers of
PRoDUCTShEET
Precision thin film flat Chip Resistors


Similar Part No. - MCS0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS0402 ETC1-MCS0402 Datasheet
728Kb / 16P
Professional flat chip resistors
logo
Vishay Siliconix
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS0402 VISHAY-MCS0402 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
More results

Similar Description - MCS0402

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com