Electronic Components Datasheet Search
  English  ▼

X  

PDA24 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDA24
Description  PDA24 - 24 mm Long Life Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDA24 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDA24 Datasheet HTML 1Page - Bourns Electronic Solutions PDA24 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDA24 - 24 mm Long Life Potentiometer
REV. 08/10
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A2 Taper
Rotational Travel (%)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B0 Taper
Rotational Travel (%)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10,000
103
25,000
253
50,000
503
100,000
104
250,000
254
300,000
304
500,000
504
1,000,000
105
How To Order
PDA24 1 - SRT 01 - 504 A2
Model
Number of Units
1 = Single
Torque Option
Standard = SRT
High = HRT
Configuration
00 = Knurled Shaft (18 Teeth) /
Long Solder Lugs
01 = Knurled Shaft (24 Teeth) /
Long Solder Lugs
02 = Plain Shaft / Long Solder Lugs
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
Additional Features
■ Long life
■ Long solder lugs
■ ±15 % resistance tolerance
■ Anti-rotation pins
■ RoHS compliant*
Applications
■ Electric guitars
■ Bass guitars
■ Guitar amplifiers
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com