Electronic Components Datasheet Search
  English  ▼

X  

PE44649Z Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44649Z
Description  FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44649Z Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44649Z Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44649Z Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44649Z Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color
Configuration
Connector
FAKRA Plug
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Dielectric Withstanding Voltage, Vrms
800
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.878 [22.3]
Width/Dia., in [mm]
0.37 [9.40]
.
Weight, lbs [g]
0 [0]
Color
Water Blue
Connector
Type
FAKRA Plug
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color PE44649Z
PE44649Z
PE44649Z REV 01
FAKRA Plug Connector Solder Attachment
Thru Hole PCB, Water Blue Color


Similar Part No. - PE44649Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649A PASTERNACK-PE44649A Datasheet
291Kb / 3P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Black Color
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
PE44649C PASTERNACK-PE44649C Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Blue Color
PE44649D PASTERNACK-PE44649D Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44649H PASTERNACK-PE44649H Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color
More results

Similar Description - PE44649Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649A PASTERNACK-PE44649A Datasheet
291Kb / 3P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Black Color
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
PE44649C PASTERNACK-PE44649C Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Blue Color
PE44649D PASTERNACK-PE44649D Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44649H PASTERNACK-PE44649H Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color
PE44649I PASTERNACK-PE44649I Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Beige Color
PE44649K PASTERNACK-PE44649K Datasheet
289Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Curry Color
PE44650Z PASTERNACK-PE44650Z Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
PE44651C PASTERNACK-PE44651C Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44651Z PASTERNACK-PE44651Z Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com