Electronic Components Datasheet Search
  English  ▼

X  

MAX4372TESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4372TESA
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372TESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4372TESA Datasheet HTML 1Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 2Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 3Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 4Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 5Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 6Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 7Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 8Page - Maxim Integrated Products MAX4372TESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = 0 to 28V, VCC = 2.7V to 28V, VSENSE = 0V, RLOAD = 1M , TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by PSR test.
Note 3: Guaranteed by OUT Voltage Error test.
Note 4: Output voltage is internally clamped not to exceed 12V.
Note 5: VOS is extrapolated from the gain accuracy tests.
Note 6: Total OUT voltage error is the sum of gain and offset voltage errors.
Note 7: Measured at IOUT = -500µA (RLOAD = 4k for gain = 20V/V, RLOAD = 10k for gain = 50V/V, RLOAD = 20k for gain =
100V/V).
Note 8: 6.25mV = 1/16 of 100mV full-scale voltage (C/16).
Note 9: The device will not reverse phase when overdriven.
VRS+ = 12V,
VCC = 12V,
CLOAD
RS+
= 10pF
MAX4372T
20
VSENSE = 20mV,
gain = 20V/V
kHz
50
BW
275
VSENSE = 20mV,
gain = 50V/V
200
VSENSE = 20mV,
gain = 100V/V
110
-3dB Bandwidth
MAX4372F
MAX4372H
V/V
100
Gain
50
No sustained oscillations
VSENSE = 100mV
1.5
ROUT
VOL
V
VCC - VOH
OL
OUT Output Resistance
pF
1000
Capacitive-Load Stability
VSENSE = 20mV
%
±5.5
Gain Accuracy
VOUT = 2V, VRS+ > 2V
VCC = 12V, VRS+ = 12V, CLOAD = 10pF
ms
0.1
Saturation Recovery Time
(Note 9)
VCC = 12V, VRS+ = 12V,
VSENSE = 100mV, CLOAD = 10pF
ms
0.5
Power-Up Time to 1% of
Final Value
dB
75
85
PSR
Power-Supply Rejection
VSENSE = 6.25mV
±0.25
±2.5
TA = +25°C
TA = -40°C to +85°C
VSENSE = 6.25mV to
100mV
20
VSENSE = 100mV to
6.25mV
Gain = 20V/V,
VCC = 12V,
VRS+ = 12V,
CLOAD = 10pF
µs
20
OUT Settling Time to 1% of
Final Value
to 100mV,V
=12V
V
VRS+ = 28V, VCC = 2.7V, IOUT = -500µA,
VSENSE = 250mV
CC = 2.7V,
9
65
OUT Low Voltage
(MAX4372T, MAX4372F)
mV
2.6
IOUT = 10µA
IOUT = 100µA
VSENSE = -10mV
VRS+
RS+
= 28V
VCC = 2.7V,
V
0.1
0.25
OUT High Voltage
9
65
OUT Low Voltage
(MAX4372H)
mV
2.6
IOUT = 10µA
IOUT = 100µA
VSENSE = -10mV
V
= 12V
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Maxim Integrated
3
MAX4372T/F/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com