Electronic Components Datasheet Search
  English  ▼

X  

MAX6764UT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6764UT
Description  Low-Power, Single/Dual-Voltage Window Detectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6764UT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6764UT Datasheet HTML 9Page - Maxim Integrated Products MAX6764UT Datasheet HTML 10Page - Maxim Integrated Products MAX6764UT Datasheet HTML 11Page - Maxim Integrated Products MAX6764UT Datasheet HTML 12Page - Maxim Integrated Products MAX6764UT Datasheet HTML 13Page - Maxim Integrated Products MAX6764UT Datasheet HTML 14Page - Maxim Integrated Products MAX6764UT Datasheet HTML 15Page - Maxim Integrated Products MAX6764UT Datasheet HTML 16Page - Maxim Integrated Products MAX6764UT Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Low-Power, Single/Dual-Voltage Window
Detectors
______________________________________________________________________________________
13
Detailed Description
The MAX6754–MAX6764 are low-power window volt-
age detectors capable of monitoring undervoltage and
overvoltage conditions on system power supplies.
Whenever a monitored voltage falls below its undervolt-
age threshold or exceeds its overvoltage threshold,
these devices assert their outputs to notify the system
(see the Functional Diagrams).
The MAX6754/MAX6755/MAX6756 are single-voltage
window detectors with internally fixed nominal voltage,
externally adjustable set window, single reset
under/overvoltage output, and a manual reset input.
The MAX6757/MAX6758/MAX6759 are single-voltage
window detectors with internally set nominal voltage,
externally adjustable set window, separate under/over-
voltage outputs, and manual reset input.
The MAX6760/MAX6761/MAX6762 are dual-voltage
window detectors with internally/externally set nominal
voltages, externally adjustable set window, separate
under/overvoltage outputs, manual reset input, and
overvoltage latch functions.
The MAX6763/MAX6764 are single adjustable window
detectors with separate under/overvoltage outputs.
The MAX6754–MAX6762 offer factory-fixed voltage
thresholds for monitoring system voltages from 0.9V to
5V. The MAX6754–MAX6762 include a SET function to
select the window voltage to ±5%, ±10%, or ±15%. The
MAX6763/MAX6764 allow for externally adjustable
upper and lower voltage thresholds to be set externally
(down to 0.5V). The MAX6754–MAX6762 are available
with two timing options (20µs propagation delay or
100ms minimum reset timeout).
Supply Voltages
VCC is the power-supply input and the monitored voltage
of the MAX6754–MAX6762. These devices feature a fac-
tory-trimmed VCC and VCC2 divider that sets the nominal
input range (see Tables 1 and 2). VCC for the MAX6763/
MAX6764 is the power supply of the device and not the
monitored voltage. For noisy systems, bypass VCC and
VCC2 each with a 0.1µF capacitor to GND.
Setting the Adjustable Nominal Voltage
Threshold
The MAX6760/MAX6761/MAX6762 (versions with suffix-
es LA, TA, RA, ZA, WA, and AA) offer adjustable nominal
voltage threshold to monitor VCC2. Use an external volt-
age-divider to set the voltage at VCC2 to 0.4255V.
Configure SET to select a monitor window of ±5%,
±10%, or ±15% (see Figure 5). The MAX6760/MAX6761/
MAX6762 suffix AA monitor only VCC2 and do not moni-
tor VCC.
INTERNAL
REFERENCE
0.5V
GND
OV MONITOR
UV MONITOR
OVTH
UVTH
UV
OV
UVIN
VCC
OVIN
MAX6763/MAX6764
Figure 4. MAX6763/MAX6764 Functional Diagram
Functional Diagrams (continued)
OV
(UV)
UV
0.4255V +5%
+10%
+15%
VCC2
0.4255V -5%
-10%
-15%
MAX6760/MAX6761/MAX6762
(SUFFIXES LA, TA, RA, ZA, WA, AA)
V+
R1
R2
( ) MAX6761 ONLY.
Figure 5. Setting the Threshold Voltage of VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com