Electronic Components Datasheet Search
  English  ▼

X  

MAX4123C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4123C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4123C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4123C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4122–MAX4129 family of operational amplifiers
combines wide bandwidth and excellent DC accuracy with
Rail-to-Rail® operation at the inputs and outputs. These
devices require only 650µA per amplifier, and operate from
either a single supply (+2.7V to +6.5V) or dual supplies
(±1.35V to ±3.25V) with a common-mode voltage range
that extends 250mV beyond VEE and VCC. They are capa-
ble of driving 250
Ω loads. The MAX4122/MAX4123/
MAX4126/MAX4127/MAX4129 have a 5MHz gain band-
width product, while the decompensated MAX4124/
MAX4125/MAX4128 (stable at closed-looped gains of
10 or greater) have a 25MHz gain bandwidth product. In
addition, the MAX4123/MAX4125/MAX4127 feature a
shutdown mode in which the outputs are placed in a
high-impedance state and the supply current is reduced
to only 25µA per amplifier.
With their rail-to-rail input common-mode range and
output swing, these amplifiers are ideal for low-voltage
single-supply operation. Although the minimum operat-
ing voltage is specified at 2.7V, the devices typically
operate down to 1.8V. In addition, low offset voltage
and high speed make them the ideal signal-condition-
ing stages for precision, low-voltage, data-acquisition
systems. The MAX4122 and MAX4124 come in the
space-saving 5-pin SOT23-5 package.
________________________Applications
Battery-Powered Instruments
Portable Equipment
Data-Acquisition Systems
Signal Conditioning
Low-Power, Low-Voltage Applications
Features
o 5-Pin SOT23 Package (MAX4122/4)
o +2.7V to +6.5V Single-Supply Operation
o Rail-to-Rail Input Common-Mode Voltage Range
o Rail-to-Rail Output Voltage Swing
o 5MHz Gain-Bandwidth Product (MAX4122/3/6/7/9)
25MHz Gain-Bandwidth Product (MAX4124/5/8)
o 650µA Quiescent Current per Amplifier
o 25µA Shutdown Function (MAX4123/5/7)
o 200µV Offset Voltage
o No Phase Reversal for Overdriven Inputs
o Drive 250
Ω Loads
o Stable with 500pF Capacitive Loads
o Unity-Gain Stable (MAX4122/3/6/7/9)
Stable at Gains
≥ 10V/V (MAX4124/5/8)
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
________________________________________________________________
Maxim Integrated Products
1
MAX187
MAX4123
SHDN
3
1
2
4
5
6
8
7
VDD
+5V
AIN
VREF
GND
DOUT
SERIAL
INTERFACE
SCLK
CS
__________Typical Operating Circuit
Selection Table
19-1087; Rev 1; 8/97
PART
MAX4122EUK
MAX4123C/D
MAX4123ESA
-40°C to +85°C
0°C to +70°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
Dice*
8 SO
Ordering Information
Ordering Information continued at end of data sheet.
*
Dice are specified at TA = +25°C, DC parameters only.
Pin Configurations appear at end of data sheet.
MARKING
INFO.
AAAZ
—
—
BW
(MHz)
AMPS
PER
PKG.
MAX4122
5
1
MAX4123
5
1
PART
MAX4124
25
1
MAX4125
25
1
MAX4126
5
2
MAX4127
5
2
MAX4128
25
2
MAX4129
5
4
SHUT-
DOWN
MODE
—
Yes
—
Yes
—
Yes
—
—
PIN-
PACKAGE
5 SOT23-5
8 SO/µMAX
5 SOT23-5
8 SO/µMAX
8 SO/µMAX
14 SO
8 SO/µMAX
14 SO
MAX4123EUA -40°C to +85°C
8 µMAX
—
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4123C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4123C/D MAXIM-MAX4123C/D Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
More results

Similar Description - MAX4123C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com