Electronic Components Datasheet Search
  English  ▼

X  

MAX9381ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9381ESA
Description  Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9381ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9381ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Lowest Power 3.0GHz ECL/PECL
Differential Data and Clock D Flip-Flop
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC - VEE...............................................................-0.3V to +6.0V
Input Voltage (D, D, CLK, CLK) .......(VEE - 0.3V) to (VCC + 0.3V)
Differential Input Voltage ...............Smaller of |VCC - VEE| or 3.0V
Output Current (Q, Q)
Continuous .......................................................................50mA
Surge..............................................................................100mA
Junction-to-Ambient Thermal Resistance in Still Air
8-Pin µMAX ..............................................................+221°C/W
8-Pin SO ...................................................................+170°C/W
Maximum Continuous Power Dissipation
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW
Junction-to-Ambient Thermal Resistance with
500LFPM Airflow
8-Pin µMAX ..............................................................+155°C/W
8-Pin SO .....................................................................+99°C/W
Junction-to-Case Thermal Resistance
8-Pin µMAX ................................................................+39°C/W
8-Pin SO .....................................................................+40°C/W
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
ESD Protection
Human Body Model ..........................................................±2kV
Soldering Temperature (10s) ...........................................+300
°C
DC ELECTRICAL CHARACTERISTICS
(VCC - VEE = 2.25V to 5.5V (TA = +25°C to +85°C), VCC - VEE = 2.375V to 5.5V (TA = -40°C to +25°C), outputs terminated with 50
Ω
±1% to VCC - 2.0V, unless otherwise noted. Typical values are at VCC - VEE = 3.3V, VIHD = VCC - 1.0V, VILD = VCC - 1.5V, unless oth-
erwise noted.) (Notes 1, 2, and 3)
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUTS (D,
D, CLK, CLK)
Differential Input
High Voltage
VIHD
Figure 1
VEE +
1.2
VCC
VEE +
1.2
VCC
VEE +
1.2
VCC
V
Differential Input
Low Voltage
VILD
Figure 1
VEE
VCC -
0.15
VEE
VCC -
0.15
VEE
VCC -
0.15
V
VCC - VEE
< 3.0V
0.15
VCC -
VEE
0.15
VCC -
VEE
0.15
VCC -
VEE
Differential Input
Voltage
VID
Figure 1
VCC - VEE
≥ 3.0V
0.15
3.0
0.15
3.0
0.15
3.0
V
Single-Ended
Input Current
IIH, IIL
D,
D, CLK, or CLK
= VIHD or VILD
-10
+200
-10
+200
-10
+200
µA
OUTPUTS (Q,
Q)
Output High
Voltage
VOH
Figure 1
VCC -
1.145
VCC -
0.895
VCC -
1.145
VCC -
0.895
VCC -
1.145
VCC -
0.895
V
Output Low
Voltage
VOL
Figure 1
VCC -
1.945
VCC -
1.695
VCC -
1.945
VCC -
1.695
VCC -
1.945
VCC -
1.695
V
Differential
Output Voltage
VOD
VOH - VOL,
Figure 1
550
550
550
mV
POWER SUPPLY
Power-Supply
Current (Note 4)
IEE
17
35
20
35
22
35
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com