Electronic Components Datasheet Search
  English  ▼

X  

MM54C89JB Datasheet(PDF) 1 Page - Rochester Electronics

Part # MM54C89JB
Description  Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

MM54C89JB Datasheet(HTML) 1 Page - Rochester Electronics

  MM54C89JB Datasheet HTML 1Page - Rochester Electronics MM54C89JB Datasheet HTML 2Page - Rochester Electronics MM54C89JB Datasheet HTML 3Page - Rochester Electronics MM54C89JB Datasheet HTML 4Page - Rochester Electronics MM54C89JB Datasheet HTML 5Page - Rochester Electronics MM54C89JB Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54/74C89
© 2013 Rochester Electronics, LLC. All Rights Reserved 03252013
Specification Number 54_74C89-CM(N) REV C
Page 1 of 6
TABLE 5
SPECIFICATION NUMBER: 54C89J/B REV. - PAGE: 9 of 14
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 2
Please consult factory for specific package availability


Similar Part No. - MM54C89JB

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
MM54C89JB ROCHESTER-MM54C89JB Datasheet
606Kb / 1P
MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
More results

Similar Description - MM54C89JB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
64-Bit TRI-STATE Random Access Read/Write Memory
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
64-bit, 1-bit per word random access read/write memory
January 1995
logo
Fairchild Semiconductor
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
64-Bit 3-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
64-BIT RANDOM-ACCESS READ/WRITE MEMORY
logo
Advanced Micro Devices
AM99CL641 AMD-AM99CL641 Datasheet
415Kb / 19P
66,536x1 Static Read/Write Random-Access Memory
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C910 TI1-MM54C910 Datasheet
394Kb / 10P
256-Bit TRI-STATE Random Access Read/Write Memory
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
Wide supply voltage range 3V to 15V
logo
ACCUTEK MICROCIRCUIT CO...
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com