Electronic Components Datasheet Search
  English  ▼

X  

54FCT244DM Datasheet(PDF) 4 Page - Rochester Electronics

Part # 54FCT244DM
Description  Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

54FCT244DM Datasheet(HTML) 4 Page - Rochester Electronics

  54FCT244DM Datasheet HTML 1Page - Rochester Electronics 54FCT244DM Datasheet HTML 2Page - Rochester Electronics 54FCT244DM Datasheet HTML 3Page - Rochester Electronics 54FCT244DM Datasheet HTML 4Page - Rochester Electronics 54FCT244DM Datasheet HTML 5Page - Rochester Electronics 54FCT244DM Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
54FCT244
Specification Number 54FCT244-M (N) REV A
Page 4 of 6
AC Electrical Characteristics for ’FCT Family Devices
Symbol
Parameter
54FCT
Units
Fig.
No.
TA = −55˚C to +125˚C
VCC = 4.5V–5.5V
CL = 50 pF
Min
Max
tPLH
Propagation Delay
1.5
7.5
ns
tPHL
Data to Outputs
1.5
7.5
tPZH
Output Enable
1.5
10.5
ns
tPZL
Time
1.5
10.5
tPHZ
Output Disable
1.5
8.0
ns
tPLZ
Time
1.5
8.0
Capacitance
Symbol
Parameter
Max
Units
Conditions
TA = 25˚C
CIN
Input Capacitance
10.0
pF
VCC = 0V
COUT (Note 5)
Output Capacitance
12.0
pF
VCC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
3
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 3 of 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com