Electronic Components Datasheet Search
  English  ▼

X  

82527 Datasheet(PDF) 2 Page - Rochester Electronics

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

82527 Datasheet(HTML) 2 Page - Rochester Electronics

  82527 Datasheet HTML 1Page - Rochester Electronics 82527 Datasheet HTML 2Page - Rochester Electronics 82527 Datasheet HTML 3Page - Rochester Electronics 82527 Datasheet HTML 4Page - Rochester Electronics 82527 Datasheet HTML 5Page - Rochester Electronics 82527 Datasheet HTML 6Page - Rochester Electronics 82527 Datasheet HTML 7Page - Rochester Electronics 82527 Datasheet HTML 8Page - Rochester Electronics 82527 Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
82527
Specification Number 82527-S (I) REV C
Page 2 of 23
Rochester Part Number
Intel Part Number
Package
Temperature
AN82527
AN82527
LDCC-44, Plastic
-40° to +125°C
AS82527
AS82527
QFP-44, Plastic
-40° to +125°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com