Electronic Components Datasheet Search
  English  ▼

X  

CA3078AS Datasheet(PDF) 2 Page - Rochester Electronics

Part # CA3078AS
Description  Micropower Operational Amplifier Low Standby Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CA3078AS Datasheet(HTML) 2 Page - Rochester Electronics

  CA3078AS Datasheet HTML 1Page - Rochester Electronics CA3078AS Datasheet HTML 2Page - Rochester Electronics CA3078AS Datasheet HTML 3Page - Rochester Electronics CA3078AS Datasheet HTML 4Page - Rochester Electronics CA3078AS Datasheet HTML 5Page - Rochester Electronics CA3078AS Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CA3078
Specification Number CA3078_B_CM (H) REV B
Page 2 of 6
Rochester Part Number
Harris Part Number
Package
Temperature
CA3078E
CA3078E
PDIP-8
0° to +70°C
CA3078M
CA3078M
SOP-8, Plastic
0° to +70°C
CA3078S
CA3078S
TO5-8, Metal
0° to +70°C
CA3078T
CA3078T
CAN-8, Metal
0° to +70°C
CA3078AE
CA3078AE
PDIP-8
-55° to +125°C
CA3078AM
CA3078AM
SOP-8, Plastic
-55° to +125°C
CA3078AS
CA3078AS
TO5-8, Metal
-55° to +125°C
CA3078AT/B
CA3078AT
CAN-8, Metal
-55° to +125°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com