Electronic Components Datasheet Search
  English  ▼

X  

MRF1015MB Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF1015MB
Description  MICROWAVE POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1015MB Datasheet(HTML) 1 Page - Motorola, Inc

  MRF1015MB Datasheet HTML 1Page - Motorola, Inc MRF1015MB Datasheet HTML 2Page - Motorola, Inc MRF1015MB Datasheet HTML 3Page - Motorola, Inc MRF1015MB Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF1015MA MRF1015MB
MOTOROLA RF DEVICE DATA
The RF Line
Microwave Pulse
Power Transistors
. . . designed for Class B and C common base amplifier applications in short
and long pulse TACAN, IFF, DME, and radar transmitters.
• Guaranteed Performance @ 1090 MHz, 50 Vdc
Output Power = 15 Watts Peak
Minimum Gain = 10 dB
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Industry Standard Package
• Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal
Migration
• Internal Input Matching for Broadband Operation
• Circuit board photomaster available upon request by contacting
RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
60
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
1.0
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
17.5
100
Watts
mW/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (2)
R
θJC
10
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mAdc, VBE = 0)
V(BR)CES
60
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
60
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 1.0 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0)
ICBO
—
—
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 250 mAdc, VCE = 5.0 Vdc)
hFE
10
40
100
—
NOTES:
(continued)
1. These devices are designed for RF operation. The total device dissipation rating applies only when the device is operated as RF amplifiers.
2. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
Order this document
by MRF1015MA/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF1015MA
MRF1015MB
15 W (PEAK), 960 – 1215 MHz
MICROWAVE POWER
TRANSISTORS
NPN SILICON
CASE 332–04, STYLE 1
MRF1015MA
CASE 332A–03, STYLE 1
MRF1015MB
© Motorola, Inc. 1994
REV 6


Similar Part No. - MRF1015MB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10150 MOTOROLA-MRF10150 Datasheet
90Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10150 MACOM-MRF10150 Datasheet
139Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10150 MA-COM-MRF10150_15 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF1015MB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF10500 MOTOROLA-MRF10500 Datasheet
104Kb / 4P
MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
MICROWAVE POWER TRANSISTORS
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
MICROWAVE POWER TRANSISTORS
MRW2001 MOTOROLA-MRW2001 Datasheet
102Kb / 6P
MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
NPN microwave power transistors
1997 Feb 18
logo
Tyco Electronics
MRF3104 MACOM-MRF3104 Datasheet
93Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com