Electronic Components Datasheet Search
  English  ▼

X  

HS121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS121
Description  Heat Shrink Tubings HS100 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS121 Datasheet HTML 1Page - List of Unclassifed Manufacturers HS121 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heat Shrink Tubings
HS100 Series
Page <1>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Features:
• Semi-rigid, adhesive lined, polyolefin tubing
• 3:1 shrink ratio
• Splash-resistant, moisture-resistant covering
• Rugged protection against abrasion, vibration and flexing
• Excellent strain relief and insulation of weak points
• Operation temperature range : -55°C to 125°C
Dimension Table
Dimensions : Millimetres
Size
(Inches)
Inside Diameter
Recovered Wall Thickness
As Supplied
Maximum After
Recovery
Total Wall After
Heating
Meltable Wall After
Heating
1/8
3.2 ±0.4
1
0.95
0.35
3/16
4.8 ±0.4
1.6
1.1
0.5
1/4
6.4 ±0.4
2.2
1.2
0.6
3/8
9.5 ±0.4
3.2
1.4
0.65
1/2
12.7 ±0.8
4.2
1.5
0.75
3/4
19.1 ±0.1
6.3
2
0.9
Product Properties
Property (Units)
Test Method
Requirement
Physical
Tensile Strength (psi)
ASTM D638
1,500 min.
Elongation (%)
ASTM D638
300 min.
Cold Impact (-55°C)
ASTM D746
no cracking
Heat Shock (250°C, 4 hrs)
AMS-DTL-23053
no cracking
Secant Modulus (psi)
ASTM D882
25,000 max.
Longitudinal Change (%)
AMS-DTL-23053
±5
Electrical
Dielectric Strength (Volts / mm)
ASTM D876
1,500 min.
Volume Resistivity (
Ω-cm)
ASTM D876
1 × 1014
Chemical
Corrosion
UL224
no corrosion
Water Absorption (%)
ASTM D570
2 max.
Fluid Resistance (23°C, 24 hrs)
-
Good
Flammability
UL224
Pass


Similar Part No. - HS121

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
HS121 MULTICOMP-HS121 Datasheet
163Kb / 2P
Heat Shrink Tubing
23/06/22 V1.0
HS121 MULTICOMP-HS121 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
HS121 1.2M MULTICOMP-HS121 1.2M Datasheet
163Kb / 2P
Heat Shrink Tubing
23/06/22 V1.0
HS121-25 MULTICOMP-HS121-25 Datasheet
154Kb / 2P
Adhesive Lined Heat Shrink Tubing
15/12/20 V1.0
logo
List of Unclassifed Man...
HS1210 ETC1-HS1210 Datasheet
149Kb / 3P
Crystal Clock Osclilators
More results

Similar Description - HS121

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
Tyco Electronics
NBC-SCE-1K MACOM-NBC-SCE-1K Datasheet
239Kb / 2P
Heat-Shrink/Cable Markers
15532 MACOM-15532 Datasheet
286Kb / 4P
Heat-Shrink/Cable Markers
logo
Qualtek Electronics Cor...
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SP254 ETC2-SP254 Datasheet
178Kb / 3P
Heat Shrink
logo
PANDUIT CORP.
PH14-6F-Q PANDUIT-PH14-6F-Q Datasheet
95Kb / 1P
HEAT SHRINK INSULATED FORK TERMINALS
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
logo
TE Connectivity Ltd
ZHD-SCE TEC-ZHD-SCE Datasheet
2Mb / 4P
HEAT SHRINK IDENTIFICATION SYSTEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com