Electronic Components Datasheet Search
  English  ▼

X  

TDMB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TDMB
Description  DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDMB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TDMB Datasheet HTML 1Page - List of Unclassifed Manufacturers TDMB Datasheet HTML 2Page - List of Unclassifed Manufacturers TDMB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIN Timers TD continued
TD/03/03
Mode functions
A On Delay
On application of supply voltage the time period starts to run. On completion of time the relay energises. Power
off reset.
B Off delay
Supply to the unit must be continuous. On closure of the control contact (S) the relay energises immediately.
On re-opening of S the time period starts to run and (R) de-energises If the control contact ( S ) is reclosed
before “the actual time period is completed, this period will be deleted” and a new one starts on re-opening of (
S ).
C Single shot leading edge pulse started
Supply to the unit must be continuous. On closure of the control contact (S) the relay energises immediately
and the time starts to run. On completion of the time the relay will de-energise. Activation of (S) during the time
out period has no effect.
D Single shot trailing edge
Supply to the unit must be continuous. The first closure of (S) has no effect. On opening of ( S ) the time
period starts to run and (R) energises immediately. On completion of time the relay de-energises. Activation of
the control contact (S) during the time out period has no effect.
E On delay with control contact
Supply to the unit must be continuous. On closure of (S) the time period starts to run. On completion of time
the relay energises and stays energised as long as (S) is closed. Opening the control contact before the time
out is complete will reset the time period.
F Single shot leading edge
On application of supply voltage the time starts and (R) energises immediately. Following time out the relay will
de-energise. For a new start of function the supply voltage must be interrupted.
G Flasher pause first
On application of supply voltage the time period starts to “run. The relay switches on and off for the periods,
beginning” with a pause. The time period for pause and pulse is equal.
H Pulse detection
On application of supply voltage the relay energises. The first pulse of (S) starts the time period. Receiving
pulses during the time period extends it and (R) stays energised. Receiving no pulses during the time period
completes it and (R) de-energises. (R) stays latched until supply voltage has been interrupted.
Ri Cyclic timer pulse started
On application of supply voltage the time period starts to run. “The relay switches on and off for the periods,
beginning with a” pulse. The time period for t1 and t2 can be different. The function continues as long as
voltage is applied.
Rp Cyclic timer pause started
On application of supply voltage the time period starts to run. “The relay switches on and off for the periods,
beginning with a” pause. The time period for t1 and t2 can be different. The function continues as long as
voltage is applied.
S Star Delta
On application of supply voltage the contact 17 - 18 of the star relay is closed and the star time t1 begins to
run. On completion of the t1 the star relay de-energises and the dwell time t2 starts. On completion of t2 the
contact 17 - 28 of the delta relay is closed and remains in operation as long as the supply voltage is applied.
T True Off Delay
When supply voltage U is engaged the relay energises (contacts 15-18). When the supply voltage is removed
the set time t begins to run. On completion of time t the output falls back to the off position (contacts 15-16). If
the supply voltage U is re-engaged to “the unit before t has elapsed, the time already elapsed is cancelled” and
starts again next time the supply voltage is interrupted.
A
U/t
R
B
U/t
S
R
C
U/t
S
R
D
U/t
S
R
E
U/t
S
R
H
U/t
S
R
t2
t1
17 - 28
17 - 18
S
U/t
Y
v
v
memory
F
U/t
R
G
U/t
R
Ri
U/t
R
Rp
U/t
R
T
U
R
www.imopc.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com