Electronic Components Datasheet Search
  English  ▼

X  

EV-AD5443/46/53SDZ Datasheet(PDF) 13 Page - Analog Devices

Part # EV-AD5443/46/53SDZ
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-AD5443/46/53SDZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EV-AD5443/46/53SDZ Datasheet HTML 9Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 10Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 11Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 12Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 13Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 14Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 15Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 16Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5426/AD5432/AD5443
Rev. G | Page 13 of 24
FREQUENCY (Hz)
500
0
50
100
150
200
250
300
350
400
450
0
–20
–30
–10
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 36. Wideband SFDR fOUT = 20 kHz, Update = 1 MHz
FREQUENCY (Hz)
75
25
30
35
40
50
55
45
60
65
70
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 37. Narrowband (±50%) SFDR fOUT = 50 kHz, Update = 1 MHz
FREQUENCY (Hz)
30
10
14
16
18
12
20
22
24
26
28
0
–20
–30
–10
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 38. Narrowband (±50%) SFDR fOUT = 20 kHz, Update = 1 MHz
FREQUENCY (Hz)
35
10
15
25
20
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 39. Narrowband (±50%) IMD fOUT = 20 kHz, 25 kHz, Update = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com