Electronic Components Datasheet Search
  English  ▼

X  

AD592BNZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD592BNZ
Description  LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD592BNZ Datasheet(HTML) 2 Page - Analog Devices

  AD592BNZ Datasheet HTML 1Page - Analog Devices AD592BNZ Datasheet HTML 2Page - Analog Devices AD592BNZ Datasheet HTML 3Page - Analog Devices AD592BNZ Datasheet HTML 4Page - Analog Devices AD592BNZ Datasheet HTML 5Page - Analog Devices AD592BNZ Datasheet HTML 6Page - Analog Devices AD592BNZ Datasheet HTML 7Page - Analog Devices AD592BNZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ORDERING GUIDE
Max Cal
Max Error
Max Nonlinearity
Package
Model
Error @ +25 C
–25 C to +105 C
–25 C to +105 C
Option
AD592CN
0.5
°C
1.0
°C
0.35
°C
TO-92
AD592BN
1.0
°C
2.0
°C
0.4
°C
TO-92
AD592AN
2.5
°C
3.5
°C
0.5
°C
TO-92
AD592–SPECIFICATIONS
AD592AN
AD592BN
AD592CN
Model
Min
Typ
Max
Min
Typ
Max
Min Typ
Max
Units
ACCURACY
Calibration Error @ +25
°C1
1.5
2.5
0.7
1.0
0.3
0.5
°C
TA = 0
°C to +70°C
Error over Temperature
1.8
3.0
0.8
1.5
0.4
0.8
°C
Nonlinearity
2
0.15
0.35
0.1
0.25
0.05
0.15
°C
TA = –25
°C to +105°C
Error over Temperature
3
2.0
3.5
0.9
2.0
0.5
1.0
°C
Nonlinearity
2
0.25
0.5
0.2
0.4
0.1
0.35
°C
OUTPUT CHARACTERISTICS
Nominal Current Output
@ +25
°C (298.2K)
298.2
298.2
298.2
µA
Temperature Coefficient
1
1
1
µA/°C
Repeatability
4
0.1
0.1
0.1
°C
Long Term Stability
5
0.1
0.1
0.1
°C/month
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
–25
+105
–25
+105
–25
+105
°C
Package Temperature
6
–45
+125
–45
+125
–45
+125
°C
Forward Voltage (+ to –)
44
44
44
V
Reverse Voltage (– to +)
20
20
20
V
Lead Temperature
(Soldering 10 sec)
300
300
300
°C
POWER SUPPLY
Operating Voltage Range
4
30
4
30
4
30
V
Power Supply Rejection
+4 V < VS < +5 V
0.5
0.5
0.5
°C/V
+5 V < VS < +15 V
0.2
0.2
0.2
°C/V
+15 V < VS < +30 V
0.1
0.1
0.1
°C/V
NOTES
1An external calibration trim can be used to zero the error @ +25
°C.
2Defined as the maximum deviation from a mathematically best fit line.
3Parameter tested on all production units at +105
°C only. C grade at –25°C also.
4Maximum deviation between +25
°C readings after a temperature cycle between –45°C and +125°C. Errors of this type are noncumulative.
5Operation @ +125
°C, error over time is noncumulative.
6Although performance is not specified beyond the operating temperature range, temperature excursions within the package temperature range will not damage the device.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
(typical @ TA = +25 C, VS = +5 V, unless otherwise noted)
TEMPERATURE SCALE CONVERSION EQUATIONS
METALIZATION DIAGRAM
66MILS
42MILS
V+
V–
REV. A
–2–
°R = °F +459.7
K =
°C +273.15
C = 5
9
( F –32)
F = 9
5
C +32



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com