Electronic Components Datasheet Search
  English  ▼

X  

AD5541ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5541ARZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD5541ARZ Datasheet HTML 1Page - Analog Devices AD5541ARZ Datasheet HTML 2Page - Analog Devices AD5541ARZ Datasheet HTML 3Page - Analog Devices AD5541ARZ Datasheet HTML 4Page - Analog Devices AD5541ARZ Datasheet HTML 5Page - Analog Devices AD5541ARZ Datasheet HTML 6Page - Analog Devices AD5541ARZ Datasheet HTML 7Page - Analog Devices AD5541ARZ Datasheet HTML 8Page - Analog Devices AD5541ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 4 of 20
Parameter1
Min
Typ
Max
Unit
Test Conditions
POWER REQUIREMENTS
Digital inputs at rails
VDD
2.7
5.5
V
IDD
125
150
μA
Power Dissipation
0.625
0.825
mW
1 Temperature ranges are as follows: A, B, C versions: −40°C to +85°C; J, L versions: 0°C to 70°C.
2 Reference input resistance is code-dependent, minimum at 0x8555.
3 Guaranteed by design, not subject to production test.
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V ±10%, VREF= 2.5 V, VINH = 3 V and 90% of VDD, VINL = 0 V and 10% of VDD, AGND = DGND = 0 V; −40°C < TA <
+85°C, unless otherwise noted.
Table 3.
Parameter1, 2
Limit
Unit
Description
f
SCLK
25
MHz max
SCLK cycle frequency
t
1
40
ns min
SCLK cycle time
t
2
20
ns min
SCLK high time
t
3
20
ns min
SCLK low time
t
4
10
ns min
CS low to SCLK high setup
t
5
15
ns min
CS high to SCLK high setup
t
6
30
ns min
SCLK high to CS low hold time
t
7
20
ns min
SCLK high to CS high hold time
t
8
15
ns min
Data setup time
t
9
4
ns min
Data hold time (V
INH = 90% of VDD, VINL = 10% of VDD)
t
9
7.5
ns min
Data hold time (V
INH = 3V, VINL = 0 V)
t
10
30
ns min
LDAC pulse width
t
11
30
ns min
CS high to LDAC low setup
t
12
30
ns min
CS high time between active periods
1 Guaranteed by design and characterization. Not production tested
2 All input signals are specified with t
R = tF = 1 ns/V and timed from a voltage level of (VINL + VINH)/2.
SCLK
CS
DIN
DB15
LDAC*
t6
t4
t12
t8
t5
t2
t3
t1
t7
t5
t11
t10
*AD5542 ONLY. CAN BE TIED PERMANENTLY LOW IF REQUIRED.
Figure 3. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com