Electronic Components Datasheet Search
  English  ▼

X  

AD7694ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD7694ARM
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7694ARM Datasheet HTML 8Page - Analog Devices AD7694ARM Datasheet HTML 9Page - Analog Devices AD7694ARM Datasheet HTML 10Page - Analog Devices AD7694ARM Datasheet HTML 11Page - Analog Devices AD7694ARM Datasheet HTML 12Page - Analog Devices AD7694ARM Datasheet HTML 13Page - Analog Devices AD7694ARM Datasheet HTML 14Page - Analog Devices AD7694ARM Datasheet HTML 15Page - Analog Devices AD7694ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD7694
Rev. A | Page 16 of 16
OUTLINE DIMENSIONS
0.80
0.60
0.40
8°
0°
4
8
1
5
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187-AA
Figure 26. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions Shown in Millimeters
ORDERING GUIDE
Model
Integral
Nonlinearity
Temperature Range
Package
Description
Package
Option
Transport Media,
Quantity
Branding
AD7694ARM
±6 LSB max
–40°C to +85°C
MSOP
RM-8
Tube, 50
C2H
AD7694ARMRL7
±6 LSB max
–40°C to +85°C
MSOP
RM-8
Reel, 1,000
C2H
AD7694BRM
±4 LSB max
–40°C to +85°C
MSOP
RM-8
Tube, 50
C2J
AD7694BRMRL7
±4 LSB max
–40°C to +85°C
MSOP
RM-8
Reel, 1,000
C2J
EVAL-AD7694CB1
Evaluation Board
EVAL-CONTROL BRD22
Controller Board
EVAL-CONTROL BRD32
Controller Board
1 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRDx for evaluation/demonstration purposes.
2 These boards allow a PC to control and communicate with all Analog Devices evaluation boards ending in CB designators.
©2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05003–0–5/05(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com